Electronic Components Datasheet Search
  English  ▼

X  

ADPL26001 Datasheet (PDF) - Analog Devices

ADPL26001 Datasheet PDF - Analog Devices
Part # ADPL26001
Download  ADPL26001 Download
File Size   844.41 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low-IQ Boost/SEPIC/ Inverting Converter with 1A, 60V Switch

ADPL26001 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADPL26001 Datasheet PDF - Analog Devices

Part # ADPL26001
Download  ADPL26001 Click to download

File Size   844.41 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low-IQ Boost/SEPIC/ Inverting Converter with 1A, 60V Switch

ADPL26001 Datasheet (HTML) - Analog Devices


ADPL26001 Product details

GENERAL DESCRIPTION
The ADPL26001 is a current-mode DC/DC converter
capable of generating either positive or negative output
voltages using a single feedback pin. It can be
configured as a boost, single-ended primary inductance
converter (SEPIC), or inverting converter consuming as
low as 6μA of quiescent current. Low ripple Burst Mode
operation maintains high efficiency down to very low
output currents while keeping the output ripple below
15mV in a typical application. The internally
compensated current-mode architecture results in
stable operation over a wide range of input and output
voltages. Integrated soft-start and frequency foldback
functions are included to control inductor current
during start-up. The ADPL26001 comes in small package
options that combined with a high switching frequency
of 2MHz, helps to maintain a small footprint for an
overall efficient, space-saving and cost-effective solution.
FEATURES
 3.2V to 36V Input Voltage Range
 Low Quiescent Current and Low Ripple Burst
Mode® Operation: IQ = 6μA
 1A, 60V Power Switch
 Positive or Negative Output Voltage
Programming with a Single Feedback Pin
 Fixed 2MHz Switching Frequency
 Accurate 1.6V EN/UVLO Pin Threshold
 Internal Compensation and Soft-Start
 Low Profile (1mm) ThinSOT™ Package
APPLICATIONS
 Industrial
 Telecom
 Medical Diagnostic Equipment
 Portable Electronics




Similar Part No. - ADPL26001

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADPL26001EDDB#TRMPBF AD-ADPL26001EDDB#TRMPBF Datasheet
641Kb / 32P
Low-IQ Boost/SEPIC/ Inverting Converter with 1A, 60V Switch
Rev. 1; 8/24
ADPL26001ES6#TRMPBF AD-ADPL26001ES6#TRMPBF Datasheet
641Kb / 32P
Low-IQ Boost/SEPIC/ Inverting Converter with 1A, 60V Switch
Rev. 1; 8/24
ADPL26001 AD-ADPL26001_V01 Datasheet
641Kb / 32P
Low-IQ Boost/SEPIC/ Inverting Converter with 1A, 60V Switch
Rev. 1; 8/24
More results


Similar Description - ADPL26001

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3957 LINER-LT3957 Datasheet
365Kb / 28P
Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
LT8364 LINER-LT8364 Datasheet
509Kb / 6P
Low IQ Boost/SEPIC/Inverting Regulator
LT8331 LINER-LT8331 Datasheet
1Mb / 30P
Low IQ Boost/SEPIC/ Flyback/Inverting Converter with 0.5A, 140V Switch
LT8361 LINER-LT8361 Datasheet
1Mb / 28P
Low IQ Boost/SEPIC/ Inverting Converter with 2A, 100V Switch
LT8330 LINER-LT8330 Datasheet
1Mb / 24P
Low IQ Boost/SEPIC/ Inverting Converter with 1A, 60V Switch
LT8335 LINER-LT8335 Datasheet
1Mb / 20P
Low IQ Boost/SEPIC/ Inverting Converter with 2A, 28V Switch
LT8362 LINER-LT8362 Datasheet
2Mb / 32P
Low IQ Boost/SEPIC/ Inverting Converter with 2A, 60V Switch
logo
Analog Devices
LT8331 AD-LT8331 Datasheet
1Mb / 30P
Low IQ Boost/SEPIC/Flyback/Inverting Converter with 0.5A, 140V Switch
03/20-REV.C
LT8334 AD-LT8334 Datasheet
1Mb / 24P
Low IQ Boost/SEPIC/Inverting Converter with 5A, 40V Switch
LT8365 AD-LT8365 Datasheet
2Mb / 30P
Low IQ Boost/SEPIC/Inverting Converter with 1.5A, 150V Switch
09/21-REV.A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com