Electronic Components Datasheet Search
  English  ▼

X  

ADPL20502 Datasheet (PDF) - Analog Devices

ADPL20502 Datasheet PDF - Analog Devices
Part # ADPL20502
Download  ADPL20502 Download
File Size   1495.81 Kbytes
Page   27 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 600mV to 5.5V Input, 2A Boost Converter with True Shutdown

ADPL20502 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADPL20502 Datasheet PDF - Analog Devices

Part # ADPL20502
Download  ADPL20502 Click to download

File Size   1495.81 Kbytes
Page   27 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 600mV to 5.5V Input, 2A Boost Converter with True Shutdown

ADPL20502 Datasheet (HTML) - Analog Devices


ADPL20502 Product details

GENERAL DESCRIPTION
The ADPL20502® is a boost converter capable of
delivering a peak inductor current up to 2A with True
Shutdown™, cycle-by-cycle inductor current limit, short
circuit, and thermal protection. During shutdown, only
1nA is drawn from the input pin. The ADPL20502 offers
ultra-low quiescent current, small total solution size,
and operates at a high efficiency throughout the load
and line range. The ADPL20502 is ideal for batterypowered
applications where long battery life is a must
and high efficiency is required at all power levels.
The ADPL20502 utilizes an adjustable on-time, pulsefrequency
modulation (PFM) control scheme that
consumes ultra-low quiescent current. The ADPL20502
features True Shutdown mode where the output
disconnects from the input with no forward or reversecurrent.
This saves precious energy from the battery for
systems that dynamically turn on and off by having the
ability to startup into a precharged output capacitor.
The ADPL20502 is offered in a space-saving and cost
effective 1.58mm x 0.89mm, 6-bump WLP (3 x 2, 0.4mm
pitch) and 8-pin, 2mm x 2mm TDFN packages. The
operating temperature range is from -40°C to +125°C.
FEATURES
 500nA Quiescent Supply Current from Output
 Output Short-Circuit Protection
 True Shutdown Mode
 1nA Shutdown Current
 Output Disconnects from Input
 No Reverse-Current with Any Voltage on VOUT
 96% Peak Efficiency, 90% or Higher at 500μA
 Typical 800mA Output Current at 5.0V (VIN = 3.0V)
 600mV to 5.5V Input Range, Up to 5.35V in
Regulation
 900mV Minimum Startup Voltage
 Single Resistor-Adjustable Output Voltage
 2.3V to 5.2V Output Voltage Range with 100mV
Steps
 5.5V Output Voltage Setting Available
 2A Peak Inductor Current Limit
 Thermal Shutdown Protection
 Multiple Package Options
 1.58mm x 0.89mm, 0.4mm Pitch, 6-Bump (3 x 2)
WLP
 2mm x 2mm, 8-Pin TDFN
 -40°C to +125°C Operating Temperature Range
APPLICATIONS
 Consumer: WiFi Module, Near-Band IoT, Wearable
audio
 Industrial: Emergency Lighting, IoT Sensors
 Medical: Clinical Instrumentation




Similar Part No. - ADPL20502

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADPL21210 AD-ADPL21210 Datasheet
1Mb / 15P
1.1A Step-Up DC/DC Converter with Integrated Soft-Start
Rev 0 1/26
ADPL21210ECPZ AD-ADPL21210ECPZ Datasheet
1Mb / 15P
1.1A Step-Up DC/DC Converter with Integrated Soft-Start
Rev 0 1/26
ADPL21210ECPZ-RL AD-ADPL21210ECPZ-RL Datasheet
1Mb / 15P
1.1A Step-Up DC/DC Converter with Integrated Soft-Start
Rev 0 1/26
ADPL21210EUJZ AD-ADPL21210EUJZ Datasheet
1Mb / 15P
1.1A Step-Up DC/DC Converter with Integrated Soft-Start
Rev 0 1/26
ADPL21210EUJZ-RL AD-ADPL21210EUJZ-RL Datasheet
1Mb / 15P
1.1A Step-Up DC/DC Converter with Integrated Soft-Start
Rev 0 1/26
More results


Similar Description - ADPL20502

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8570 MAXIM-MAX8570 Datasheet
287Kb / 11P
High-Efficiency LCD Boost with True Shutdown
Rev 2; 8/09
MAX17220 MAXIM-MAX17220 Datasheet
920Kb / 23P
400mV to 5.5V Input, nanoPower Synchronous Boost Converter with True Shutdown
Rev 3; 7/17
MAX17250 MAXIM-MAX17250 Datasheet
1Mb / 13P
2.7V to 18V Input, Boost Converter with 0.1μA True Shutdown, Short-Circuit Protection and Selectable Input Current Limit
Rev 2; 10/19
MAXM17225 MAXIM-MAXM17225 Datasheet
879Kb / 14P
Tiny, 0.4V to 5.5V Input, 300nA IQ, nanoPower Boost Module with True Shutdown
19-101160; Rev 1; 8/21
MAX77813 MAXIM-MAX77813 Datasheet
1Mb / 30P
5.5V Input, 2A, High-Efficiency Buck-Boost Converter
2019
MAX77801 MAXIM-MAX77801_V01 Datasheet
1Mb / 31P
5.5V Input, 2A, High-Efficiency Buck-Boost Converter
2019
MAX17220 MAXIM-MAX17220_V01 Datasheet
946Kb / 23P
400mV to 5.5V Input, nanoPower Synchronous Boost Converter with True Shutdown
2019
MAX17227A MAXIM-MAX17227A_V01 Datasheet
618Kb / 22P
400mV to 5.5V Input, 2A nanoPower Boost Converter with Short-Circuit Protection and True Shutdown
Rev 2, 7/21
logo
Diodes Incorporated
AP72250 DIODES-AP72250_V01 Datasheet
2Mb / 26P
0.6V TO 5.5V INPUT SYNCHRONOUS BOOST CONVERTER WITH 4.7A SWITCHES
Rev. 1 - 2 January 2022
logo
Analog Devices
MAX18002 AD-MAX18002 Datasheet
1Mb / 17P
500mV to 5.5V Input, Ultrasonic Boost Converter with Short-Circuit Protection and True Shutdown
Rev 0; 1/23
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com