Electronic Components Datasheet Search
  English  ▼

X  

PWR1300AC Datasheet (PDF) - Murata Power Solutions Inc.

PWR1300AC Datasheet PDF - Murata Power Solutions Inc.
Part # PWR1300AC
Download  PWR1300AC Download
File Size   599.06 Kbytes
Page   4 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description 1.5 Watts Unregulated DC/DC Converters

PWR1300AC Datasheet (PDF)

Go To PDF Page Download Datasheet
PWR1300AC Datasheet PDF - Murata Power Solutions Inc.

Part # PWR1300AC
Download  PWR1300AC Click to download

File Size   599.06 Kbytes
Page   4 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description 1.5 Watts Unregulated DC/DC Converters

PWR1300AC Datasheet (HTML) - Murata Power Solutions Inc.


PWR1300AC Product details

ROHS COMPLIANT
HIGH ISOLATION - 4000V RATING
8000V ISOLATION TEST VOLTAGE
BARRIER 100% PRODUCTION TESTED
LOW BARRIER CAPACITANCE - 10pF
LOW LEAKAGE CURRENT - 2μA MAX
24-PIN DIP PACKAGE
INTERNAL FILTERING




Similar Part No. - PWR1300AC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
PWR1300AC MURATA-PS-PWR1300AC Datasheet
141Kb / 4P
1.5 Watts Unregulated DC/DC Converters
More results


Similar Description - PWR1300AC

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
HB01U CANDD-HB01U Datasheet
101Kb / 4P
1 WATT UNREGULATED DC/DC CONVERTERS
PWR13XX CANDD-PWR13XX Datasheet
338Kb / 4P
1.5 WATT UNREGULATED DC/DC CONVERTER
PWR1726A CANDD-PWR1726A Datasheet
338Kb / 4P
1.5 WATT UNREGULATED DC/DC CONVERTER
logo
Burr-Brown (TI)
PWS725A BURR-BROWN-PWS725A Datasheet
68Kb / 6P
Isolated, Unregulated DC/DC CONVERTERS
logo
Murata Power Solutions ...
HB01UYC MURATA-PS-HB01UYC Datasheet
115Kb / 4P
1 WATT UNREGULATED DC/DC CONVERTERS
HB01UZC MURATA-PS-HB01UZC Datasheet
118Kb / 4P
1 Watt Unregulated DC/DC Converters
PWR1200C MURATA-PS-PWR1200C Datasheet
209Kb / 4P
3 Watts Unregulated DC/DC Converters
PWR1300AC MURATA-PS-PWR1300AC Datasheet
141Kb / 4P
1.5 Watts Unregulated DC/DC Converters
logo
Tumbler Technologies + ...
T2-1S0505H5 TRUMPOWER-T2-1S0505H5 Datasheet
24Kb / 1P
DC/DC CONVERTERS 5.2K VDC Isolation, 1.5-3 Watts
logo
CINCON ELECTRONICS Corp...
EC1TAN CINCON-EC1TAN Datasheet
173Kb / 2P
1WATT, UNREGULATED OUTPUT DC-DC CONVERTERS
More results




About Murata Power Solutions Inc.


Murata Power Solutions is a subsidiary of Murata Manufacturing, a Japanese multinational electronics company.

Murata Power Solutions specializes in the design and manufacture of power management solutions, including DC-DC converters, AC-DC power supplies, and EMI filters.

The company provides innovative and reliable power management solutions for a wide range of applications in industries such as medical, industrial, and transportation, among others.

With its advanced technology and quality products, Murata Power Solutions has established itself as a leading provider of power management solutions in the global market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com