Electronic Components Datasheet Search
  English  ▼

X  

1857837 Datasheet (PDF) - PHOENIX CONTACT

1857837 Datasheet PDF - PHOENIX CONTACT
Part # 1857837
Download  1857837 Download
File Size   418.49 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FKDSO 2,5/ 4-L1 - PCB terminal block

1857837 Datasheet (PDF)

Go To PDF Page Download Datasheet
1857837 Datasheet PDF - PHOENIX CONTACT

Part # 1857837
Download  1857837 Click to download

File Size   418.49 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FKDSO 2,5/ 4-L1 - PCB terminal block

1857837 Datasheet (HTML) - PHOENIX CONTACT


1857837 Product details

PCB terminal block, nominal current: 20 A, rated voltage (III/2): 320 V, nominal cross section: 2.5
mm2, number of potentials: 4, number of rows: 1, number of positions per row: 4, product range:
FKDSO 2,5/..-L1, pitch: 5 mm, connection method: Push-in spring connection, mounting: Wave
soldering, conductor/PCB connection direction: 0 °, color: green, Pin layout: Linear pinning,
Solder pin [P]: 3.5 mm, number of solder pins per potential: 1, type of packaging: packed in
cardboard

Your advantages
• Orthogonal alignment of the terminal block with the PCB for optimum accessibility in DIN-rail-mounted devices
• Time saving push-in connection, tools not required
• Intuitive operation due to color-coded actuating push button




Similar Part No. - 1857837

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
185780 FESTO-185780 Datasheet
101Kb / 1P
Air preparation unit
185781 FESTO-185781 Datasheet
101Kb / 1P
Air preparation unit
logo
PHOENIX CONTACT
1857811 PHOENIX-1857811 Datasheet
413Kb / 11P
FKDSO 2,5/ 2-L1 - PCB terminal block
logo
Festo Corporation.
185782 FESTO-185782 Datasheet
101Kb / 1P
Air preparation unit
logo
PHOENIX CONTACT
1857824 PHOENIX-1857824 Datasheet
407Kb / 11P
FKDSO 2,5/ 1-L1 - PCB terminal block
More results


Similar Description - 1857837

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1725328 PHOENIX-1725328 Datasheet
149Kb / 8P
PCB terminal block - PTDA 2,5/ 4-5,0
1730418 PHOENIX-1730418 Datasheet
109Kb / 6P
PCB terminal block - MKDS 2,5/ 4-5,08
1995664 PHOENIX-1995664 Datasheet
109Kb / 5P
PCB terminal block - SMKDS 2,5/ 4-5,08
2200319 PHOENIX-2200319 Datasheet
131Kb / 7P
PCB terminal block - FKDSO 2,5/ 4-L KMGY
2201128 PHOENIX-2201128 Datasheet
113Kb / 4P
PCB terminal block - FKDSO 2,5 HV/3-L 7,5 GY7035
2707945 PHOENIX-2707945 Datasheet
62Kb / 5P
PCB terminal block - MKDSO 2,5/ 4-4 SET
1988121 PHOENIX-1988121 Datasheet
213Kb / 6P
PCB terminal block - PT 2,5/ 4-7,5-H
1706057 PHOENIX-1706057 Datasheet
51Kb / 2P
PCB terminal block - GRZ 2,5
09/11/2020
1938317 PHOENIX-1938317 Datasheet
115Kb / 5P
PCB terminal block - MKDSN 2,5/ 4 BK
11/05/2018
1730528 PHOENIX-1730528 Datasheet
357Kb / 10P
PCB terminal block - MKDSD 2,5/ 4-5,08
Jan 3, 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com