Electronic Components Datasheet Search
  English  ▼

X  

1837378 Datasheet (PDF) - PHOENIX CONTACT

1837378 Datasheet PDF - PHOENIX CONTACT
Part # 1837378
Download  1837378 Download
File Size   464.35 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description CCV 2,5/ 3-GF-LR P20 THR - PCB header

1837378 Datasheet (PDF)

Go To PDF Page Download Datasheet
1837378 Datasheet PDF - PHOENIX CONTACT

Part # 1837378
Download  1837378 Click to download

File Size   464.35 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description CCV 2,5/ 3-GF-LR P20 THR - PCB header

1837378 Datasheet (HTML) - PHOENIX CONTACT


1837378 Product details

PCB headers, nominal cross section: 2.5 mm2, color: black, nominal current: 12 A, rated voltage
(III/2): 320 V, contact surface: Tin, contact connection type: Pin, number of potentials: 3, number
of rows: 1, number of positions: 3, number of connections: 3, product range: CCV 2,5/..-GF-LR,
pitch: 5 mm, mounting: THR soldering, pin layout: Linear pinning, solder pin [P]: 2 mm, number
of solder pins per potential: 1, plug-in system: COMBICON MSTB 2,5, Pin connector pattern
alignment: Standard, locking: Snap-in locking, mounting: Lock & release threaded flange, type of
packaging: packed in cardboard

Your advantages
• Designed for integration into the SMT soldering process
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies
• Screwable flange for superior mechanical stability
• Automatic locking and intuitive release through Lock and Release operating lever in contrasting color




Similar Part No. - 1837378

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1837379 PHOENIX-1837379 Datasheet
219Kb / 6P
KGS-PC 4/ 8-F - Cable housing
More results


Similar Description - 1837378

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1837501 PHOENIX-1837501 Datasheet
106Kb / 7P
Printed-circuit board connector - CCV 2,5/16-GF-LR P20 THR
1837514 PHOENIX-1837514 Datasheet
106Kb / 7P
Printed-circuit board connector - CCV 2,5/17-GF-LR P20 THR
1837543 PHOENIX-1837543 Datasheet
106Kb / 7P
Printed-circuit board connector - CCV 2,5/20-GF-LR P20 THR
1837446 PHOENIX-1837446 Datasheet
106Kb / 7P
Printed-circuit board connector - CCV 2,5/10-GF-LR P20 THR
1836719 PHOENIX-1836719 Datasheet
487Kb / 15P
PCB header - CC 2,5/ 5-GF-LR P20 THR
Jan 10, 2023
1837365 PHOENIX-1837365 Datasheet
336Kb / 11P
CCV 2,5/ 2-GF-LR P20 THR - PCB header
1837420 PHOENIX-1837420 Datasheet
333Kb / 10P
CCV 2,5/ 8-GF-LR P20 THR - PCB header
1836735 PHOENIX-1836735 Datasheet
489Kb / 14P
CC 2,5/ 7-GF-LR P20 THR - PCB header
1836696 PHOENIX-1836696 Datasheet
491Kb / 15P
CC 2,5/ 3-GF-LR P20 THR - PCB header
1837404 PHOENIX-1837404 Datasheet
333Kb / 10P
CCV 2,5/ 6-GF-LR P20 THR - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com