Electronic Components Datasheet Search
  English  ▼

X  

1767588 Datasheet (PDF) - PHOENIX CONTACT

1767588 Datasheet PDF - PHOENIX CONTACT
Part # 1767588
Download  1767588 Download
File Size   1073.98 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SMSTBA 2,5/23-G-5,08 - PCB header

1767588 Datasheet (PDF)

Go To PDF Page Download Datasheet
1767588 Datasheet PDF - PHOENIX CONTACT

Part # 1767588
Download  1767588 Click to download

File Size   1073.98 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SMSTBA 2,5/23-G-5,08 - PCB header

1767588 Datasheet (HTML) - PHOENIX CONTACT


1767588 Product details

PCB headers, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated voltage
(III/2): 320 V, contact surface: Tin, contact connection type: Pin, number of potentials: 23,
number of rows: 1, number of positions: 23, number of connections: 23, product range: SMSTBA
2,5/..-G, pitch: 5.08 mm, mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 3.5
mm, number of solder pins per potential: 1, plug-in system: COMBICON MSTB 2,5, Pin
connector pattern alignment: Standard, locking: without, mounting: without, type of packaging:
packed in cardboard

Your advantages
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies
• Well-known mounting principle allows worldwide use
• Angled connection enables multi-row arrangement on the PCB




Similar Part No. - 1767588

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1767500 PHOENIX-1767500 Datasheet
72Kb / 5P
Printed-circuit board connector - MC 1,5/ 4-STZ1-3,5
1767504 PHOENIX-1767504 Datasheet
147Kb / 7P
MSTB 2,5/15-ST-5,08
1767504 PHOENIX-1767504 Datasheet
154Kb / 7P
FRONT-MSTB 2,5/15-ST-5,08
1767517 PHOENIX-1767517 Datasheet
157Kb / 6P
The figure shows a 10-position version of the product
1767517 PHOENIX-1767517 Datasheet
147Kb / 7P
MSTB 2,5/16-ST-5,08
More results


Similar Description - 1767588

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1767371 PHOENIX-1767371 Datasheet
127Kb / 8P
Base strip - SMSTBA 2,5/ 2-G-5,08
1767384 PHOENIX-1767384 Datasheet
129Kb / 8P
Base strip - SMSTBA 2,5/ 3-G-5,08
1767397 PHOENIX-1767397 Datasheet
129Kb / 8P
Base strip - SMSTBA 2,5/ 4-G-5,08
1767407 PHOENIX-1767407 Datasheet
156Kb / 9P
Base strip - SMSTBA 2,5/ 5-G-5,08
1767410 PHOENIX-1767410 Datasheet
129Kb / 8P
Base strip - SMSTBA 2,5/ 6-G-5,08
1767449 PHOENIX-1767449 Datasheet
132Kb / 9P
Base strip - SMSTBA 2,5/ 9-G-5,08
1767494 PHOENIX-1767494 Datasheet
136Kb / 9P
Base strip - SMSTBA 2,5/14-G-5,08
1767559 PHOENIX-1767559 Datasheet
121Kb / 8P
Base strip - SMSTBA 2,5/20-G-5,08
1767591 PHOENIX-1767591 Datasheet
118Kb / 8P
Housing - SMSTBA 2,5/24-G-5,08
1767546 PHOENIX-1767546 Datasheet
1Mb / 20P
SMSTBA 2,5/19-G-5,08 - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com