Electronic Components Datasheet Search
  English  ▼

X  

QPA4428 Datasheet (PDF) - Qorvo, Inc

QPA4428 Datasheet PDF - Qorvo, Inc
Part # QPA4428
Download  QPA4428 Download
File Size   2213.74 Kbytes
Page   15 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 75Ω 28dB CATV Amplifier 47 – 1218MHz

QPA4428 Datasheet (PDF)

Go To PDF Page Download Datasheet
QPA4428 Datasheet PDF - Qorvo, Inc

Part # QPA4428
Download  QPA4428 Click to download

File Size   2213.74 Kbytes
Page   15 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 75Ω 28dB CATV Amplifier 47 – 1218MHz

QPA4428 Datasheet (HTML) - Qorvo, Inc


QPA4428 Product details

Key Features
■ High Gain: 28dB @ 1218MHz
■ Adjustable Bias
■ 47 - 1218 MHz BW
■ 47dBmv/ch flat
■ Low Noise: 4.6dB
■ Excellent Composite Distortion
■ pHEMT / MESFET device technologies
■ Compact Size: 40P 5x7 QFN
■ Power Consumption (24V, 290mA - 7W)




Similar Part No. - QPA4428

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPA4425 QORVO-QPA4425 Datasheet
2Mb / 15P
75 25dB CATV Amplifier 47 ??1218MHz
QPA4425EVB-01 QORVO-QPA4425EVB-01 Datasheet
2Mb / 15P
75 25dB CATV Amplifier 47 ??1218MHz
QPA4425SB QORVO-QPA4425SB Datasheet
2Mb / 15P
75 25dB CATV Amplifier 47 ??1218MHz
QPA4425SR QORVO-QPA4425SR Datasheet
2Mb / 15P
75 25dB CATV Amplifier 47 ??1218MHz
QPA4425TR13 QORVO-QPA4425TR13 Datasheet
2Mb / 15P
75 25dB CATV Amplifier 47 ??1218MHz
More results


Similar Description - QPA4428

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPA8801 QORVO-QPA8801 Datasheet
637Kb / 10P
75 11dB CATV Push Pull Amplifier 45 ??1218MHz
QPB8857 QORVO-QPB8857 Datasheet
1Mb / 14P
75 28dB CATV Doubler Amplifier 47 ??1218MHz
QPA3357 QORVO-QPA3357 Datasheet
256Kb / 4P
CATV Power Doubler Hybrid 1218MHz 28dB
QPA4425 QORVO-QPA4425 Datasheet
2Mb / 15P
75 25dB CATV Amplifier 47 ??1218MHz
QPA3359 QORVO-QPA3359 Datasheet
255Kb / 4P
CATV Push Pull Hybrid 1218MHz 28dB
QPB8858 QORVO-QPB8858 Datasheet
1Mb / 13P
75 34dB CATV Amplifier 47 ??1218MHz
RFPP3870 QORVO-RFPP3870 Datasheet
195Kb / 4P
CATV Push Pull Hybrid 1218MHz 28dB
QPB8957 QORVO-QPB8957 Datasheet
1Mb / 13P
75廓 28dB CATV Doubler Amplifier 50 - 1003MHz
July 29, 2021
QPA3357 QORVO-QPA3357_V01 Datasheet
257Kb / 4P
CATV Power Doubler Hybrid 1218MHz 28dB
October 28, 2019
QPB8857 QORVO-QPB8857_V01 Datasheet
1Mb / 13P
75Ω 28dB CATV Doubler Amplifier 47 – 1218MHz
July 27, 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com