Electronic Components Datasheet Search
  English  ▼

X  

PAC5527 Datasheet (PDF) - Qorvo, Inc

PAC5527 Datasheet PDF - Qorvo, Inc
Part # PAC5527
Download  PAC5527 Download
File Size   937.73 Kbytes
Page   83 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 48V Charge Pump Motor Controller and Driver for BLDC Motors

PAC5527 Datasheet (PDF)

Go To PDF Page Download Datasheet
PAC5527 Datasheet PDF - Qorvo, Inc

Part # PAC5527
Download  PAC5527 Click to download

File Size   937.73 Kbytes
Page   83 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 48V Charge Pump Motor Controller and Driver for BLDC Motors

PAC5527 Datasheet (HTML) - Qorvo, Inc


PAC5527 Product details

3 Key Features
▪ Power Manager
o Charge Pump DC/DC for high-side gate drive supply
o Input Voltage: 6V – 48V
o Buck-Boost Regulator for low-side gate drive supply
o Configurable 10V or 12V
o 4 Linear regulators with power and hibernate management
o Power and temperature monitor, warning, fault detection
▪ Proprietary Configurable Analog Front-End
o 10 Analog Front-End IO pins
o 3 Differential Programmable Gain Amplifiers
o 7 Single-ended Programmable Gain Amplifiers
o Programmable Over-Current Protection and Current Limit
o 2 10-bit DACs
▪ Proprietary Application Specific Power Drivers
o 3 high-side gate drivers with programmable gate driving up to 1A
o 3 high-side gate drivers with programmable gate driving up to 1A
o 100% Duty Cycle
o Cycle-by-cycle current limit
o Configurable fault protection
▪ 3.3V I/Os
▪ 150MHz Arm® Cortex®-M4F 32-bit Microcontroller Core
o Single-cycle 32-bit x 32-bit hardware multiplier
o 32-bit hardware divider
o DSP Instructions and Saturation Arithmetic Support
o Integrated sleep and deep sleep modes
o Single-precision Floating Point Unit (FPU)
o 8-region Memory Protection Unit (MPU)
o Nested Vectored Interrupt Controller (NVIC) with 32 Interrupts with 8 levels of priority
o 24-Bit SysTick Timer
o Wake-up Interrupt Controller (WIC) allowing power-saving sleep modes
o Clock-gating allowing low-power operation
o Embedded Trace Macrocell (ETM) for in-system debugging at real-time without breakpoints
▪ Memory
o 128kB FLASH
o 32kB SRAM with ECC
o 2 x 1kB INFO FLASH area for manufacturing information
o 1 x 1kB INFO FLASH area for user parameter storage and application configuration or code
o 4-Level Code Protection
▪ Analog to Digital Converter (ADC)
o 12-bit, 2.5MSPS SAR ADC
o Programmable Dynamic Triggering and Sampling Engine (DTSE)
▪ I/O
o 16 general-purpose I/Os with tri-state, pull-up, pull-down and dedicated I/O supply
o 7 I/Os can be configured as ADC input or digital I/O
o Configurable weak pull-up and pull-down
o Configurable drive strength (6mA to 25mA minimum)
o Dedicated Integrated IO power supply (3.3V)
o Flexible peripheral MUX allowing each IO pin to be configured with one of up to 8 peripheral functions
o Flexible Interrupt Controller
▪ Flexible Clock Control System (CCS)
o 300MHz PLL from internal 1.25% oscillator
o 20MHz Ring Oscillator
o 20MHz External Clock Input
▪ Timing Generators
o Four 16-bit timers with up to 32 PWM/CC blocks
▪ 16 Programmable Hardware Dead-time generators
▪ Up to 300MHz input clock for high-resolution PWM
o 16-bit Windowed Watchdog Timer (WWDT)
o 24-bit Real-time Clock (RTC) with Calendar and Alarm Functions
o 24-bit SysTick Timer
o 2 x 24-bit General-purpose count-down timers with interrupt
o Wake-up timer for sleep modes from 0.125s to 8s
▪ Communication Peripherals
o 3 x USART
▪ SPI or UART modes
▪ SPI Master/Slave, up to 25MHz
▪ UART, up to 1Mbps
o I2C Master/Slave
o CAN 2.0B Controller
o Single Wire Debugger (SWD), JTAG
o Embedded Trace Macrocell (ETM)
▪ 4-Level User-Configurable Code Protection
▪ 96-bit Unique ID
▪ CRC Engine
o Offloads software for communications and safety protocol through hardware acceleration
o Configurable Polynomial (CRC-16 or CRC-8)
o Configurable Input Data Width, Input and Output Reflection
o Programmable Seed Value
Physical
▪ TA = -40C to 125C
▪ QFN 6x6mm 48-pin package
o Exposed pad for thermal management




Similar Part No. - PAC5527

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
PAC5527A QORVO-PAC5527A Datasheet
1Mb / 81P
Power Application Controller®
More results


Similar Description - PAC5527

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3212 LINER-LTC3212 Datasheet
746Kb / 12P
RGB LED Driver and Charge Pump
logo
TRINAMIC Motion Control...
TMCM-160 TRINAMIC-TMCM-160 Datasheet
528Kb / 1P
1-Axis BLDC Controller/Driver 5A/48V
logo
Melexis Microelectronic...
MLX81200 MELEXIS-MLX81200 Datasheet
341Kb / 15P
BLDC Motor Controller
MLX81205 MELEXIS-MLX81205 Datasheet
463Kb / 18P
BLDC Motor Controller
logo
TRINAMIC Motion Control...
TMCM-1640 TRINAMIC-TMCM-1640 Datasheet
547Kb / 16P
MODULES FOR BLDC MOTORS
logo
STMicroelectronics
STSPIN230 STMICROELECTRONICS-STSPIN230 Datasheet
436Kb / 22P
Low voltage triple half-bridge motor driver for BLDC motors
November 2016 Rev 4
logo
Melexis Microelectronic...
MLX81205 MELEXIS-MLX81205_15 Datasheet
679Kb / 18P
BLDC Motor Controller
logo
ON Semiconductor
LV88561 ONSEMI-LV88561 Datasheet
795Kb / 26P
Motor Driver, Single-Phase, PWM, Full-Wave, 24V/48V BLDC Motor
April, 2018 ??Rev. 1
LV88563 ONSEMI-LV88563 Datasheet
777Kb / 24P
Motor Driver, Single-Phase, PWM, Full-Wave, 24V/48V BLDC Motor
April, 2018 ??Rev. 1
logo
Qorvo, Inc
PAC5524 QORVO-PAC5524 Datasheet
1Mb / 89P
High Pin-Count 70V Motor Controller and Driver for BLDC Motors
Rev. 2.1 2023-05-30
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com