Electronic Components Datasheet Search
  English  ▼

X  

PAC5526 Datasheet (PDF) - Qorvo, Inc

PAC5526 Datasheet PDF - Qorvo, Inc
Part # PAC5526
Download  PAC5526 Download
File Size   1204.27 Kbytes
Page   82 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description Power Application Controller® ®

PAC5526 Datasheet (PDF)

Go To PDF Page Download Datasheet
PAC5526 Datasheet PDF - Qorvo, Inc

Part # PAC5526
Download  PAC5526 Click to download

File Size   1204.27 Kbytes
Page   82 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description Power Application Controller® ®

PAC5526 Datasheet (HTML) - Qorvo, Inc


PAC5526 Product details

3 Key Features
▪ Power Manager
o Charge Pump DC/DC for high-side gate drive supply
o Input Voltage: 6V – 48V
o Buck-Boost Regulator for low-side gate drive supply
o Configurable 10V or 12V
o 4 Linear regulators with power and hibernate management
o Power and temperature monitor, warning, fault detection
▪ Proprietary Configurable Analog Front-End
o 6 Analog Front-End IO pins
o 1 Differential Programmable Gain Amplifier
o 5 Single-ended Programmable Gain Amplifiers
o Programmable Over-Current Protection and Current Limit
o 2 10-bit DACs
▪ Proprietary Application Specific Power Drivers
o 3 high-side gate drivers with programmable gate driving up to 1A
o 3 high-side gate drivers with programmable gate driving up to 1A
o 100% Duty Cycle
o Cycle-by-cycle current limit
o Configurable fault protection
▪ 3.3V I/Os
▪ 150MHz Arm® Cortex®-M4F 32-bit Microcontroller Core
o Single-cycle 32-bit x 32-bit hardware multiplier
o 32-bit hardware divider
o DSP Instructions and Saturation Arithmetic Support
o Integrated sleep and deep sleep modes
o Single-precision Floating Point Unit (FPU)
o 8-region Memory Protection Unit (MPU)
o Nested Vectored Interrupt Controller (NVIC) with 32 Interrupts with 8 levels of priority
o 24-Bit SysTick Timer
o Wake-up Interrupt Controller (WIC) allowing power-saving sleep modes
o Clock-gating allowing low-power operation
o Embedded Trace Macrocell (ETM) for in-system debugging at real-time without breakpoints
▪ Memory
o 128kB FLASH
o 32kB SRAM with ECC
o 2 x 1kB INFO FLASH area for manufacturing information
o 1 x 1kB INFO FLASH area for user parameter storage and application configuration or code
o 4-Level Code Protection
▪ Analog to Digital Converter (ADC)
o 12-bit, 2.5MSPS SAR ADC
o Programmable Dynamic Triggering and Sampling Engine (DTSE)
▪ I/O
o 20 general-purpose I/Os with tri-state, pull-up, pull-down and dedicated I/O supply
o 10 I/Os can be configured as ADC input or digital I/O
o Configurable weak pull-up and pull-down
o Configurable drive strength (6mA to 25mA minimum)
o Dedicated Integrated IO power supply (3.3V)
o Flexible peripheral MUX allowing each IO pin to be configured with one of up to 8 peripheral functions
o Flexible Interrupt Controller
▪ Flexible Clock Control System (CCS)
o 300MHz PLL from internal 1.25% oscillator
o 20MHz Ring Oscillator
o 20MHz External Clock Input
▪ Timing Generators
o Four 16-bit timers with up to 32 PWM/CC blocks
▪ 16 Programmable Hardware Dead-time generators
▪ Up to 300MHz input clock for high-resolution PWM
o 16-bit Windowed Watchdog Timer (WWDT)
o 24-bit Real-time Clock (RTC) with Calendar and Alarm Functions
o 24-bit SysTick Timer
o 2 x 24-bit General-purpose count-down timers with interrupt
o Wake-up timer for sleep modes from 0.125s to 8s
▪ Communication Peripherals
o 3 x USART
▪ SPI or UART modes
▪ SPI Master/Slave, up to 25MHz
▪ UART, up to 1Mbps
o I2C Master/Slave
o CAN 2.0B Controller
o Single Wire Debugger (SWD), JTAG
o Embedded Trace Macrocell (ETM)
▪ 4-Level User-Configurable Code Protection
▪ 96-bit Unique ID
▪ CRC Engine
o Offloads software for communications and safety protocol through hardware acceleration
o Configurable Polynomial (CRC-16 or CRC-8)
o Configurable Input Data Width, Input and Output Reflection
o Programmable Seed Value
▪ Physical
▪ TA = -40°C to 125°C
▪ QFN 6x6mm 48-pin package
o Exposed pad for thermal management




Similar Part No. - PAC5526

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
PAC5523 ACTIVE-SEMI-PAC5523 Datasheet
1Mb / 89P
Power Application Controller
Rev 1.1 - May 30, 2018
logo
Qorvo, Inc
PAC5523 QORVO-PAC5523 Datasheet
1Mb / 88P
Power Application Controller
Rev. 2.6, February 26, 2021
PAC5523A QORVO-PAC5523A Datasheet
1Mb / 88P
Power Application Controller
Rev. 2.6, February 26, 2021
PAC5523AQM-T QORVO-PAC5523AQM-T Datasheet
1Mb / 88P
Power Application Controller
Rev. 2.6, February 26, 2021
logo
Active-Semi, Inc
PAC5523QM ACTIVE-SEMI-PAC5523QM Datasheet
1Mb / 89P
Power Application Controller
Rev 1.1 - May 30, 2018
More results


Similar Description - PAC5526

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPD15P10PLG INFINEON-SPD15P10PLG Datasheet
762Kb / 10P
SIPMOS® Power-Transistor
Rev 1.5 2012-09-03
logo
Advantech Co., Ltd.
SKY-TESL-A40-48P ADVANTECH-SKY-TESL-A40-48P Datasheet
202Kb / 1P
NVIDIA® Tesla® A40
19-Sep-2022
logo
Infineon Technologies A...
IPB80R290C3A INFINEON-IPB80R290C3A Datasheet
217Kb / 10P
CoolMOS® Power Transistor
Rev. 2.0 2009-03-24
logo
Advantech Co., Ltd.
SKY-TESL-H100 ADVANTECH-SKY-TESL-H100 Datasheet
157Kb / 1P
NVIDIA® Tesla® H100
26-Oct-2022
FWA-2012 ADVANTECH-FWA-2012 Datasheet
507Kb / 2P
Rackmount Platform for Network Application with Intel® Atom® C3000 Processor
11-May-2020
logo
AAEON Technology
VPC-3350S AAEON-VPC-3350S Datasheet
576Kb / 2P
Multi-PoE & Fanless Appliance with Intel® Pentium®/ Celeron®/ Atom® Processor
2023/04/28
logo
Intel Corporation
E810 INTEL-E810 Datasheet
1Mb / 36P
Intel® Ethernet Controller E810
Rev. 3.9
logo
Lapp.
44423140 LAPP-44423140 Datasheet
216Kb / 2P
EPIC® POWER M12
31.08.2023
44423144 LAPP-44423144 Datasheet
205Kb / 2P
EPIC® POWER M12
31.08.2023
logo
Guangdong Youtai Semico...
NTD24N06 UMW-NTD24N06 Datasheet
413Kb / 6P
TrenchFET® Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com