Electronic Components Datasheet Search
  English  ▼

X  

1753844 Datasheet (PDF) - PHOENIX CONTACT

1753844 Datasheet PDF - PHOENIX CONTACT
Part # 1753844
Download  1753844 Download
File Size   216.2 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description GCCA 2,5 HC/ 3-G-7,62 THT R44 - PCB header

1753844 Datasheet (PDF)

Go To PDF Page Download Datasheet
1753844 Datasheet PDF - PHOENIX CONTACT

Part # 1753844
Download  1753844 Click to download

File Size   216.2 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description GCCA 2,5 HC/ 3-G-7,62 THT R44 - PCB header

1753844 Datasheet (HTML) - PHOENIX CONTACT


1753844 Product details

PCB headers, nominal cross section: 2.5 mm2, color: black, nominal current: 16 A, rated voltage
(III/2): 630 V, contact surface: Tin, contact connection type: Pin, number of potentials: 3, number
of rows: 1, number of positions: 3, number of connections: 3, product range: GCCA 2,5 HC/..-GTHT,
pitch: 7.62 mm, mounting: THR soldering, number of solder pins per potential: 1, plug-in
system: COMBICON MSTB 2,5 HC, Pin connector pattern alignment: Standard, locking: without,
mounting: without, type of packaging: 44 mm wide tape, For user information and design
recommendations for through-hole reflow technology, go to: Downloads

Your advantages
• Designed for integration into the SMT soldering process
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies
• Closed contour for optimum stability of the plug-in connection
• Larger pitch for increased voltage requirements




Similar Part No. - 1753844

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
17538 ETC2-17538 Datasheet
2Mb / 6P
Except for the Wattmeters Frequency Meters
logo
Festo Corporation.
175380 FESTO-175380 Datasheet
86Kb / 1P
Plug
logo
PHOENIX CONTACT
1753802 PHOENIX-1753802 Datasheet
45Kb / 2P
PCB terminal block - ZFKDSA 1,5-W-5,08- 5
1753815 PHOENIX-1753815 Datasheet
96Kb / 4P
PCB terminal block - ZFKDSA 1,5-W-5,08- 7
1753819 PHOENIX-1753819 Datasheet
88Kb / 5P
Base strip - MSTBV 2,5/21-G
More results


Similar Description - 1753844

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1728866 PHOENIX-1728866 Datasheet
87Kb / 7P
Base strip - GMSTBA 2,5 HC/ 3-G-7,62
1828922 PHOENIX-1828922 Datasheet
402Kb / 9P
PCB header - GICV 2,5/ 3-G-7,62
02/04/2022
1924318 PHOENIX-1924318 Datasheet
341Kb / 11P
PCB header - MSTBVA 2,5 HC/ 3-G-5,08
Dec 30, 2022
1828692 PHOENIX-1828692 Datasheet
1,000Kb / 17P
PCB header - GIC 2,5/ 4-G-7,62
Jan 4, 2023
1828993 PHOENIX-1828993 Datasheet
933Kb / 16P
PCB header - GICV 2,5/10-G-7,62
Jan 4, 2023
1745784 PHOENIX-1745784 Datasheet
368Kb / 11P
PCB header - GIC 2,5 HC/ 2-G-7,62
1767979 PHOENIX-1767979 Datasheet
358Kb / 11P
PCB header - GMSTBVA 2,5 HC/ 3-G-7,62
1923762 PHOENIX-1923762 Datasheet
474Kb / 12P
PCB header - MSTBA 2,5 HC/ 3-G
1923872 PHOENIX-1923872 Datasheet
569Kb / 15P
PCB header - MSTBA 2,5 HC/ 3-G-5,08
1963434 PHOENIX-1963434 Datasheet
514Kb / 12P
PCB header - MC 0,5/ 3-G-2,5 THT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com