Electronic Components Datasheet Search
  English  ▼

X  

PMCXN547VDFT Datasheet (PDF) - NXP Semiconductors

PMCXN547VDFT Datasheet PDF - NXP Semiconductors
Part # PMCXN547VDFT
Download  PMCXN547VDFT Download
File Size   2700.74 Kbytes
Page   139 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 32-bit Arm Cortex-M33 @ 150 MHz (N94x and N54x)

PMCXN547VDFT Datasheet (PDF)

Go To PDF Page Download Datasheet
PMCXN547VDFT Datasheet PDF - NXP Semiconductors

Part # PMCXN547VDFT
Download  PMCXN547VDFT Click to download

File Size   2700.74 Kbytes
Page   139 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 32-bit Arm Cortex-M33 @ 150 MHz (N94x and N54x)

PMCXN547VDFT Datasheet (HTML) - NXP Semiconductors


PMCXN547VDFT Product details

32-bit Arm® Dual Cortex-M33 TrustZone® microcontroller for Industrial andConsumer IoT Applications with USB HS and FS, CAN FD, LP FlexcommInterface, SDIO, 32-bit counter/timers, SCTimer/PWM, FlexPWM, 4x 16-bit2.0 Msamples/sec ADC, Comparator, Temperature Sensor, PKC, AES,PUF, SHA, CRC, RNG
•Highly secure: TrustZone for Armv8-M, secure boot/update ROM, NXP'sEdgeLock® secure subsystem (ELS) S50 black-box secure enclavewith key storage and crypto algorithms protected from side-channelattacks as well as internal/external tamper events, flash encryption,external memory interface with on-the-fly PRINCE decryption, optionsfor hardware Physically Unclonable Function (PUF) and Factory Root ofTrust programming
•Industrial Strength: Industrial communication protocol support, 15-yearlongevity, high-resolution mixed signal analog, CAN-FD, BLDC/PMSMMotor Control support, integrated sensor interfaces (MIPI-I3C, I2C, SPI)
•Power-efficient: < 70 μA/MHz active current, < 10 μA Power down modewith RTC enabled and 8 KB SRAM retention, < 2.5 μA Deep Power-down mode with RTC active and 8 KB SRAM

Target Applications
•Industrial and Consumer IoT
•Industrial Communications
•Smart Metering
•Motor Control
•Automation & Control
•Sensors
CPU Core Platform
•Primary CPU: Cortex-M33
—TrustZone, MPU, FPU, SIMD, ETM, CTI
•Secondary CPU: Cortex-M33 Barebone
•DSP Accelerator (PowerQUAD, w CP intf)
•SmartDMA
•N1-16 Neural Processing Unit (NPU)
•Coolflux BSP32
•Secure Multilayer Bus Matrix
Advanced Security
•ELS S50
—AES-256, SHA-2, RNG
—ECC-256 (ECDSA, ECDH)
•PKC (Asymmetric Crypto accelerator)
•SRAM PUF for RoT Key
•PRINCE OTF Encrypt/Decrypt for internal and externalFlash
•Protected Flash Region (PFR)
•DICE and UID and Debug authentication
•2x Code Watchdog
•Tamper Detect
—Eight tamper pins
—Active and passive tamper pin detect
—Voltage tamper detect
•Two asynchronous DMA modules (16-channels each)
Memories and memory expansion
•Dual-bank Flash supporting Flash Swap and Read WhileWrite: Up to 2x 1024 KB FLASH instances with ECC(support one bit correction and two bits detection).
•Cache Engine with 16 KB RAM
•Up to 512KB RAM (up to 416KB with configurable ECCthat supports single correction, double bit detection)
•Up to 4x 8 KB ECC RAM can be retained down to VBATmode
•FlexSPI with 16 KB cache supporting XIP, Octal/QuadSPI flash, HyperFlash, HyperRAM, Xccela memory types
•256 KB ROM
Low-Power Performance
•Active
—75 μA/MHz (3.3 V, @25 C) in OD Active Mode(While(1) executing from flash, DC/DC enabled)
•Deep Sleep
—270 μA, (full 512 KB SRAM retention, 3.3 V @25 C)
•Power Down
—4.2 μA, (full 512 KB SRAM retention, 3.3 V, @25 C)
•Deep Power Down
—< 2.0 μA, 5.3 ms wake-up (RTC enabled 8 KB RAMand Reset pin enabled, @25 C)
Flexible System and Clocks
•144 MHz free-running oscillator (FRO-144M)
•12 MHz free-running oscillator (FRO-12M)
•16 kHz free-running oscillator (FRO-16k)
•32 kHz low-power crystal oscillator
•Up to 50 MHz low-power crystal oscillator
•2 x phase-locked loop
•Hardware and Software Watchdogs
Communication interfaces
•USB High-speed (Host/Device) with on-chip HS PHY
•USB Full-speed (Host/Device) with on-chip FS PHY,USB Device
•uSDHC
—Temperature tamper detect
—Clock tamper detect
•OTP Fuses
—Can permanently configure boot and securityoptions
—4 KB fuse area
—Up to 384 b fuse area for storing key hashes
—Key revocation capability
•Digital Glitch Detect
Analog modules
•2x 16-bit ADC
—Each ADC can be used as two single end inputADC, or one differential input ADC
—Up to 2 Msps in 16-bit mode, and 3.15 Msps in 12-bit mode
—Up to 75 ADC Input channels (depending on the package)
—One integrated temperature sensor per ADC.
•Three High-speed Comparators with 17 input pins and8-bit DAC as internal reference
•2x CMP is functional down to DPD mode
•Two 12-bit DAC with sample rates of up to 1.0 MSample/sec.
•One 14-bit DAC with sample rates of up to 5 MSample/sec.
•Three OpAmps can be configured to:
—Programmable Gain Amplifier
—Differential Amplifier
—Instrument Amplifier
—Transconductance Amplifier
•Highly accurate VREF ±0.2 % and 15 ppm/deg C drift
Timers
•Five 32-bit standard general-purpose asynchronoustimers/counters, which support up to four capture inputsand four compare outputs, PWM mode, and externalcount input. Specific timer events can be selected togenerate DMA requests.
•SCTimer/PWM
•LPTimer
•10x LP Flexcomms each supports SPI, I2C, UART
•2x FlexCAN with FD, 2x I3Cs, 2x SAI
•1x Ethernet with QoS
•1x FlexIO programmable as a variety of serial andparallel interfaces, including, but not limited to DisplayDriver and camera interface
•2x EVM Smart Card Interfaces
•Programmable Logic Unit (PLU)
Motor Control Subsys
•2x FlexPWM each with 4 sub-modules, providing 12PWM outputs (no Nanoedge module)
•2x Quadrature Encoder/Decoder (ENC)
•1x Event Generator (AND/OR/INVERT) module supportup to 8 output trigger
•SINC Filter Module (3rd order, 5ch, Break signalsconnections to PWM)
Inputs Supply Voltage options:
•Integrated voltage regulator
—Buck DC-DC, Core LDO, other LDOs
•Separate AON domain on VDD_BAT pin
•Operating voltage: 1.71 V to 3.6 V
•IOs: 1.71 V-3.6 V full-performance
Operating Characteristics
•Temperature range: -40 °C to 125 °C
•Encoder
•Frequency measurement timer
•Multi-Rate Timer
•Windowed Watchdog Timer
•RTC with calendar
•Micro Timer
•OS Event Timer
HMI
•Digital PDM Microphone
—Allows connection of up to 4 MEMS microphoneswith PDM output
•TSI (Capacitive Touch Sensor Interface)
—Up to 25 self-cap channels, and up to 8 TX x 17 RXmutual-cap channels
—Water proof under self-cap mode
—Functions down to Power-Down Mode
•Up to 124 GPIOs
—1.2 V support at reduced performance (availableonly on Fast pads)
—Five independent IO power rings
—100 MHz IO on P2 and P3
—Up to 28-pin wake-up sources function down to deep power-down mode
—Support 1.71 V~3.6 V IO supply range




Similar Part No. - PMCXN547VDFT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMCXN235VDFT NXP-PMCXN235VDFT Datasheet
3Mb / 105P
Arm® Cortex®-M33 150MHz 32-bit MCU, up to 1MB Flash
Rev. 3 21 January 2025
PMCXN235VKLT NXP-PMCXN235VKLT Datasheet
3Mb / 105P
Arm® Cortex®-M33 150MHz 32-bit MCU, up to 1MB Flash
Rev. 3 21 January 2025
PMCXN235VPBT NXP-PMCXN235VPBT Datasheet
3Mb / 105P
Arm® Cortex®-M33 150MHz 32-bit MCU, up to 1MB Flash
Rev. 3 21 January 2025
PMCXN236VDFT NXP-PMCXN236VDFT Datasheet
3Mb / 105P
Arm® Cortex®-M33 150MHz 32-bit MCU, up to 1MB Flash
Rev. 3 21 January 2025
PMCXN236VKLT NXP-PMCXN236VKLT Datasheet
3Mb / 105P
Arm® Cortex®-M33 150MHz 32-bit MCU, up to 1MB Flash
Rev. 3 21 January 2025
More results


Similar Description - PMCXN547VDFT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LPC1766 ETC2-LPC1766 Datasheet
1Mb / 70P
32-bit ARM Cortex-M3 microcontroller;
logo
TALEMA Group. LLC
M0516LAN TALEMA-M0516LAN Datasheet
1Mb / 71P
ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100RE3AN TALEMA-NUC100RE3AN Datasheet
1Mb / 60P
ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC122ZD2AN ETC2-NUC122ZD2AN Datasheet
1Mb / 66P
ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VE3AN ETC2-NUC100VE3AN Datasheet
2Mb / 86P
ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Cypress Semiconductor
S6E2H4 CYPRESS-S6E2H4 Datasheet
4Mb / 160P
32-bit ARM Cortex-M4F
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
32-Bit ARM Cortex-M0 Microcontroller
logo
Silicon Laboratories
EFM32G SILABS-EFM32G Datasheet
3Mb / 205P
ARM Cortex-M3 at 32 MHz
logo
GigaDevice Semiconducto...
GD32E230XX GIGADEVICE-GD32E230XX Datasheet
2Mb / 76P
ARM Cortex-M23 32-bit MCU
logo
NXP Semiconductors
LPC55S3X NXP-LPC55S3X Datasheet
3Mb / 164P
32-bit Arm Cortex®-M33, TrustZone, ELS, PRINCE, PKC, 128 KB SRAM
Rev. 3.2 - 22 September 2023
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com