Electronic Components Datasheet Search
  English  ▼

X  

1942264 Datasheet (PDF) - PHOENIX CONTACT

1942264 Datasheet PDF - PHOENIX CONTACT
Part # 1942264
Download  1942264 Download
File Size   659.4 Kbytes
Page   21 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FKC 2,5 HC/ 2-STF - PCB connector

1942264 Datasheet (PDF)

Go To PDF Page Download Datasheet
1942264 Datasheet PDF - PHOENIX CONTACT

Part # 1942264
Download  1942264 Click to download

File Size   659.4 Kbytes
Page   21 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FKC 2,5 HC/ 2-STF - PCB connector

1942264 Datasheet (HTML) - PHOENIX CONTACT


1942264 Product details

PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 16 A, rated
voltage (III/2): 320 V, contact surface: Tin, contact connection type: Socket, number of potentials:
2, number of rows: 1, number of positions: 2, number of connections: 2, product range: FKC 2,5
HC/..-STF, pitch: 5 mm, connection method: Push-in spring connection, conductor/PCB
connection direction: 0 °, locking clip: - Locking clip, plug-in system: COMBICON MSTB 2,5 HC,
locking: Screw locking mechanism, mounting: Screw flange, type of packaging: packed in
cardboard

Your advantages
• Time saving push-in connection, tools not required
• Defined contact force ensures that contact remains stable over the long term
• Intuitive operation due to color-coded actuating push button
• Integrated double steel spring provides additional safety in the event of temperature and power fluctuations
• Optimized for tight installation situations: operation and conductor connection from one direction
• Screwable flange for superior mechanical stability
• Quick and convenient testing using integrated test option




Similar Part No. - 1942264

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1942260000 WEIDMULLER-1942260000 Datasheet
88Kb / 5P
PCB connection systems
More results


Similar Description - 1942264

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1942581 PHOENIX-1942581 Datasheet
152Kb / 5P
FKC 2,5 HC/12-STF-5,08
1942280 PHOENIX-1942280 Datasheet
176Kb / 12P
Printed-circuit board connector - FKC 2,5 HC/ 4-STF
09/12/2020
1912184 PHOENIX-1912184 Datasheet
634Kb / 16P
PCB connector - MSTB 2,5 HC/ 2-STF-5,08
Jul 21, 2022
1873320 PHOENIX-1873320 Datasheet
837Kb / 17P
PCB connector - FKC 2,5/14-STF-5,08
Nov 30, 2022
1912621 PHOENIX-1912621 Datasheet
321Kb / 11P
PCB connector - MVSTBR 2,5 HC/ 2-STF-5,08
Dec 30, 2022
1942484 PHOENIX-1942484 Datasheet
806Kb / 20P
PCB connector - FKC 2,5 HC/ 2-STF-5,08
Jan 10, 2023
1942565 PHOENIX-1942565 Datasheet
819Kb / 20P
PCB connector - FKC 2,5 HC/10-STF-5,08
Jan 3, 2023
1873317 PHOENIX-1873317 Datasheet
824Kb / 16P
PCB connector - FKC 2,5/13-STF-5,08
Jan 5, 2023
1910539 PHOENIX-1910539 Datasheet
529Kb / 17P
FKC 2,5/ 3-STF - PCB connector
1942507 PHOENIX-1942507 Datasheet
757Kb / 20P
FKC 2,5 HC/ 4-STF-5,08 - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com