Electronic Components Datasheet Search
  English  ▼

X  

QPQ0978 Datasheet (PDF) - Qorvo, Inc

QPQ0978 Datasheet PDF - Qorvo, Inc
Part # QPQ0978
Download  QPQ0978 Download
File Size   424.71 Kbytes
Page   7 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 978 MHz BAW Filter

QPQ0978 Datasheet (PDF)

Go To PDF Page Download Datasheet
QPQ0978 Datasheet PDF - Qorvo, Inc

Part # QPQ0978
Download  QPQ0978 Click to download

File Size   424.71 Kbytes
Page   7 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 978 MHz BAW Filter

QPQ0978 Datasheet (HTML) - Qorvo, Inc


QPQ0978 Product details

Product Features
• Low Insertion Loss
• High Selectivity
• Single-Ended Operation
• No External Matching Required
• 50 Ω Impedance at Input / Output
• Ceramic Chip-Scale Package (CSP)
• Small Size
• Hermetically Sealed
• RoHS Compliant, Pb-Free




Similar Part No. - QPQ0978

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPQ1028 QORVO-QPQ1028 Datasheet
608Kb / 11P
Dual-Use GPS L1/L2 Dual Filter
June 04, 2021
QPQ1028EVB QORVO-QPQ1028EVB Datasheet
608Kb / 11P
Dual-Use GPS L1/L2 Dual Filter
June 04, 2021
QPQ1028SR QORVO-QPQ1028SR Datasheet
608Kb / 11P
Dual-Use GPS L1/L2 Dual Filter
June 04, 2021
QPQ1028TR7 QORVO-QPQ1028TR7 Datasheet
608Kb / 11P
Dual-Use GPS L1/L2 Dual Filter
June 04, 2021
QPQ1029 QORVO-QPQ1029 Datasheet
1Mb / 16P
Band 1 and Band 3 Dual Filter
More results


Similar Description - QPQ0978

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
880367 TRIQUINT-880367 Datasheet
111Kb / 5P
1030 MHz BAW Filter
880371 TRIQUINT-880371_15 Datasheet
112Kb / 5P
915 MHz BAW Filter
885024 TRIQUINT-885024_15 Datasheet
451Kb / 6P
1960 MHz BAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1381A TAI-SAW-TA1381A Datasheet
376Kb / 8P
SAW Filter 978 MHz
TA1410A TAI-SAW-TA1410A Datasheet
412Kb / 8P
SAW Filter 978 MHz
TA1233A TAI-SAW-TA1233A Datasheet
410Kb / 6P
SAW Filter 978 MHz
TA1797A TAI-SAW-TA1797A Datasheet
428Kb / 7P
SAW Filter 978 MHz
logo
Qorvo, Inc
880543 QORVO-880543 Datasheet
301Kb / 5P
428 MHz BAW Filter
885135 QORVO-885135 Datasheet
575Kb / 8P
2439.5 MHz BAW Filter
880157 QORVO-880157 Datasheet
237Kb / 6P
2560 MHz BAW Filter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com