Electronic Components Datasheet Search
  English  ▼

X  

1053835 Datasheet (PDF) - PHOENIX CONTACT

1053835 Datasheet PDF - PHOENIX CONTACT
Part # 1053835
Download  1053835 Download
File Size   430.73 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description DMC 1,5/18-G1-3,5 P35 - PCB header

1053835 Datasheet (PDF)

Go To PDF Page Download Datasheet
1053835 Datasheet PDF - PHOENIX CONTACT

Part # 1053835
Download  1053835 Click to download

File Size   430.73 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description DMC 1,5/18-G1-3,5 P35 - PCB header

1053835 Datasheet (HTML) - PHOENIX CONTACT


1053835 Product details

PCB headers, nominal cross section: 1.5 mm2, color: green, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Tin, contact connection type: Pin, number of potentials: 36,
number of rows: 2, number of positions: 18, number of connections: 36, product range: DMC
1,5/..-G1, pitch: 3.5 mm, mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 3.5
mm, number of solder pins per potential: 1, plug-in system: COMBICON DFMC 1,5, Pin
connector pattern alignment: Standard, locking: without, mounting: without, type of packaging:
packed in cardboard

Your advantages
• Conductor connection on several levels enables higher contact density
• Small component size for applications where space is at a premium
• Well-known mounting principle allows worldwide use




Similar Part No. - 1053835

ManufacturerPart #DatasheetDescription
logo
SICK AG
1053835 SICK-1053835 Datasheet
2Mb / 6P
POSITION SENSORS
2017-05-04
More results


Similar Description - 1053835

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1053810 PHOENIX-1053810 Datasheet
456Kb / 10P
PCB header - DMC 1,5/ 4-G1-3,5 P35
Jan 5, 2023
1053812 PHOENIX-1053812 Datasheet
461Kb / 10P
DMC 1,5/ 6-G1-3,5 P35 - PCB header
1053833 PHOENIX-1053833 Datasheet
457Kb / 10P
DMC 1,5/16-G1-3,5 P35 - PCB header
1053809 PHOENIX-1053809 Datasheet
456Kb / 10P
DMC 1,5/ 3-G1-3,5 P35 - PCB header
1053841 PHOENIX-1053841 Datasheet
357Kb / 10P
DMCV 1,5/ 5-G1-3,5 P35 - PCB header
1053862 PHOENIX-1053862 Datasheet
348Kb / 10P
DMCV 1,5/20-G1-3,5 P35 - PCB header
1053808 PHOENIX-1053808 Datasheet
447Kb / 10P
DMC 1,5/ 2-G1-3,5 P35 - PCB header
1053824 PHOENIX-1053824 Datasheet
458Kb / 10P
DMC 1,5/12-G1-3,5 P35 - PCB header
1535190 PHOENIX-1535190 Datasheet
309Kb / 8P
DMC 1,5/18-G1-3,5-LR P26THR - PCB header
1535161 PHOENIX-1535161 Datasheet
324Kb / 9P
DMC 1,5/18-G1-3,5-LR P20THR - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com