Electronic Components Datasheet Search
  English  ▼

X  

MEE3 Datasheet (PDF) - Murata Power Solutions Inc.

MEE3 Datasheet PDF - Murata Power Solutions Inc.
Part # MEE3
Download  MEE3 Download
File Size   194.25 Kbytes
Page   8 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description 1kVDC Isolated 3W Single Output DC-DC Converters

MEE3 Datasheet (PDF)

Go To PDF Page Download Datasheet
MEE3 Datasheet PDF - Murata Power Solutions Inc.

Part # MEE3
Download  MEE3 Click to download

File Size   194.25 Kbytes
Page   8 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description 1kVDC Isolated 3W Single Output DC-DC Converters

MEE3 Datasheet (HTML) - Murata Power Solutions Inc.


MEE3 Product details

UL60950 recognised
RoHS compliant
Typical efficiency from 83%
Power density 2.68W/cm3
Wide temperature performance at full
3 Watt load, –40°C to 85°C3
UL 94V-0 package material
No heatsink required
Industry standard pinout
5V & 12V inputs
5V, 9V, 12V & 15V outputs
Fully encapsulated with toroidal
magnetics
No external components required
No electrolytic or tantalum capacitors




Similar Part No. - MEE3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MEE300-06DA IXYS-MEE300-06DA Datasheet
56Kb / 2P
Fast Recovery Epitaxial Diode (FRED) Module
logo
Murata Manufacturing Co...
MEE3S0505SC MURATA-MEE3S0505SC Datasheet
209Kb / 5P
1kVDC Isolated 3W Single Output DC/DC Converters
MEE3S0509SC MURATA-MEE3S0509SC Datasheet
209Kb / 5P
1kVDC Isolated 3W Single Output DC/DC Converters
MEE3S0512SC MURATA-MEE3S0512SC Datasheet
209Kb / 5P
1kVDC Isolated 3W Single Output DC/DC Converters
MEE3S0515SC MURATA-MEE3S0515SC Datasheet
209Kb / 5P
1kVDC Isolated 3W Single Output DC/DC Converters
More results


Similar Description - MEE3

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
KDC_NDTS MURATA-KDC_NDTS Datasheet
158Kb / 6P
Isolated 3W Single Output DC/DC Converters
logo
Murata Power Solutions ...
MER1 MURATA-PS-MER1 Datasheet
140Kb / 6P
1kVDC Isolated 1W Single Output DC/DC Converters
logo
Murata Manufacturing Co...
MEE3S0509SC MURATA-MEE3S0509SC Datasheet
209Kb / 5P
1kVDC Isolated 3W Single Output DC/DC Converters
logo
Microdc power Technolog...
3B-XES MICRODC-3B-XES Datasheet
331Kb / 2P
Isolated 3W Single Output DC/DC Converters
logo
Murata Power Solutions ...
MEA1 MURATA-PS-MEA1 Datasheet
249Kb / 8P
1kVDC Isolated 1W Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TP2D TOPPOWER-TP2D Datasheet
568Kb / 3P
3W 1KVDC Isolated Wide Input Dual Output DC/DC Converters
TP2S TOPPOWER-TP2S Datasheet
631Kb / 3P
3W 1KVDC Isolated Single Output DC/DC Converters
TP2Y TOPPOWER-TP2Y Datasheet
638Kb / 4P
3W 1KVDC Isolated Wide Input DC/DC Converters
TPL-3W TOPPOWER-TPL-3W Datasheet
613Kb / 3P
3W 1.5KVDC Isolated Single Output DC/DC Converters
TPL-3W TOPPOWER-TPL-3W_V01 Datasheet
765Kb / 3P
3W 1.5KVDC Isolated Single Output DC/DC Converters
More results




About Murata Power Solutions Inc.


Murata Power Solutions is a subsidiary of Murata Manufacturing, a Japanese multinational electronics company.

Murata Power Solutions specializes in the design and manufacture of power management solutions, including DC-DC converters, AC-DC power supplies, and EMI filters.

The company provides innovative and reliable power management solutions for a wide range of applications in industries such as medical, industrial, and transportation, among others.

With its advanced technology and quality products, Murata Power Solutions has established itself as a leading provider of power management solutions in the global market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com