Electronic Components Datasheet Search
  English  ▼

X  

DCQ Datasheet (PDF) - Murata Power Solutions Inc.

DCQ Datasheet PDF - Murata Power Solutions Inc.
Part # DCQ
Download  DCQ Download
File Size   4147.26 Kbytes
Page   25 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description 600W Quarter Brick DOSA Digital PMBus Interface

DCQ Datasheet (PDF)

Go To PDF Page Download Datasheet
DCQ Datasheet PDF - Murata Power Solutions Inc.

Part # DCQ
Download  DCQ Click to download

File Size   4147.26 Kbytes
Page   25 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description 600W Quarter Brick DOSA Digital PMBus Interface

DCQ Datasheet (HTML) - Murata Power Solutions Inc.


DCQ Product details

DOSA Compliant Digital Quarter-Brick with PMBus
interface
36-75Vin Range
96% Typical Efficiency
Delivers up to 50A (600W)
Low Output Ripple & Noise
Wide Operating Temperature Range -40°C to +85°C
Optional Droop Load Sharing of two or more modules
Baseplate included for improved thermal
performance
Output Over Current/Voltage Protection
Over Temperature Protection
Negative & Positive Logic (Negative Logic standard
configuration)
Optional Reflow process compatible
Three pin/function configurations available:
• Full PMBus with Sense & Trim Pins
• No PMBus with Sense & Trim Pins
• 5 Pin Bus converter, No Sense & Trim Pins
Certified to UL 62368-1, CAN/CSA-C22.2
No.62368-1-14, 2nd Ed, 2014-12-01; IEC62368-
1:2014 (Second Edition); standards
Basic I/O insulation now available. Refer to
Note [3] on following page for applicable model
information




Similar Part No. - DCQ

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCQA100 WALL-DCQA100 Datasheet
667Kb / 7P
Up to 108 Watts, Quarter-Brick DC/DC Converters
DCQA100-12S05 WALL-DCQA100-12S05 Datasheet
667Kb / 7P
Up to 108 Watts, Quarter-Brick DC/DC Converters
DCQA100-12S05RH WALL-DCQA100-12S05RH Datasheet
667Kb / 7P
Up to 108 Watts, Quarter-Brick DC/DC Converters
DCQA100-12S05RH1 WALL-DCQA100-12S05RH1 Datasheet
667Kb / 7P
Up to 108 Watts, Quarter-Brick DC/DC Converters
DCQA100-12S05RH2 WALL-DCQA100-12S05RH2 Datasheet
667Kb / 7P
Up to 108 Watts, Quarter-Brick DC/DC Converters
More results


Similar Description - DCQ

ManufacturerPart #DatasheetDescription
logo
Power-One
QBS038YD POWER-ONE-QBS038YD Datasheet
250Kb / 3P
Quarter-Brick
logo
Emerson Network Power
AEQ42B50 EMERSON-NETWORKPOWER-AEQ42B50 Datasheet
1Mb / 3P
Quarter-Brick Series
LQD40A48 EMERSON-NETWORKPOWER-LQD40A48 Datasheet
287Kb / 3P
Quarter-Brick Series
LQS EMERSON-NETWORKPOWER-LQS Datasheet
145Kb / 4P
Quarter-Brick Series
logo
SynQor Worldwide Headqu...
IQ65033QMA10 SYNQOR-IQ65033QMA10 Datasheet
1Mb / 15P
Quarter-Brick ATCA Power Interface Module
logo
Murata Manufacturing Co...
UWQ-12-Q48 MURATA-UWQ-12-Q48 Datasheet
1,003Kb / 18P
Wide Input, Isolated DOSA Quarter Brick DC/DC Converters
UWQ-12-Q48T-C MURATA-UWQ-12-Q48T-C Datasheet
895Kb / 17P
Wide Input, Isolated DOSA Quarter Brick DC-DC Converters with Trim and Sense
UWQ-1217-Q48NB-C MURATA-UWQ-1217-Q48NB-C Datasheet
982Kb / 17P
Wide Input, Isolated DOSA Quarter Brick DC/DC Converters
logo
Murata Power Solutions ...
IRS MURATA-PS-IRS Datasheet
2Mb / 26P
Encapsulated Sixteenth-Brick DOSA-Compatible
logo
Analog Devices
ADM1293 AD-ADM1293 Datasheet
777Kb / 48P
Digital Power Monitor with PMBus Interface
3/15-Rev. A to Rev. B
More results




About Murata Power Solutions Inc.


Murata Power Solutions is a subsidiary of Murata Manufacturing, a Japanese multinational electronics company.

Murata Power Solutions specializes in the design and manufacture of power management solutions, including DC-DC converters, AC-DC power supplies, and EMI filters.

The company provides innovative and reliable power management solutions for a wide range of applications in industries such as medical, industrial, and transportation, among others.

With its advanced technology and quality products, Murata Power Solutions has established itself as a leading provider of power management solutions in the global market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com