Electronic Components Datasheet Search
  English  ▼

X  

1769997 Datasheet (PDF) - PHOENIX CONTACT

1769997 Datasheet PDF - PHOENIX CONTACT
Part # 1769997
Download  1769997 Download
File Size   1075.36 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SMSTBA 2,5/21-G - PCB header

1769997 Datasheet (PDF)

Go To PDF Page Download Datasheet
1769997 Datasheet PDF - PHOENIX CONTACT

Part # 1769997
Download  1769997 Click to download

File Size   1075.36 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SMSTBA 2,5/21-G - PCB header

1769997 Datasheet (HTML) - PHOENIX CONTACT


1769997 Product details

PCB headers, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated voltage
(III/2): 320 V, contact surface: Tin, contact connection type: Pin, number of potentials: 21,
number of rows: 1, number of positions: 21, number of connections: 21, product range: SMSTBA
2,5/..-G, pitch: 5 mm, mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 3.5
mm, number of solder pins per potential: 1, plug-in system: COMBICON MSTB 2,5, Pin
connector pattern alignment: Standard, locking: without, mounting: without, type of packaging:
packed in cardboard

Your advantages
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies
• Well-known mounting principle allows worldwide use
• Angled connection enables multi-row arrangement on the PCB




Similar Part No. - 1769997

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1769900 PHOENIX-1769900 Datasheet
142Kb / 6P
MSTB 2,5/12-ST
1769900 PHOENIX-1769900 Datasheet
170Kb / 6P
MVSTBR 2,5/12-ST
1769900 PHOENIX-1769900 Datasheet
151Kb / 6P
MVSTBW 2,5/12-ST
1769900 PHOENIX-1769900 Datasheet
112Kb / 7P
Base strip - SMSTBA 2,5/12-G
1769913 PHOENIX-1769913 Datasheet
1Mb / 22P
SMSTBA 2,5/13-G - PCB header
More results


Similar Description - 1769997

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1769803 PHOENIX-1769803 Datasheet
87Kb / 5P
Base strip - SMSTBA 2,5/ 2-G
1769832 PHOENIX-1769832 Datasheet
147Kb / 8P
Base strip - SMSTBA 2,5/ 5-G
1769861 PHOENIX-1769861 Datasheet
124Kb / 8P
Base strip - SMSTBA 2,5/ 8-G
1769900 PHOENIX-1769900 Datasheet
112Kb / 7P
Base strip - SMSTBA 2,5/12-G
1769926 PHOENIX-1769926 Datasheet
191Kb / 10P
Feed-through header - SMSTBA 2,5/14-G
1769968 PHOENIX-1769968 Datasheet
115Kb / 7P
Base strip - SMSTBA 2,5/18-G
1769984 PHOENIX-1769984 Datasheet
87Kb / 5P
Base strip - SMSTBA 2,5/20-G
1767368 PHOENIX-1767368 Datasheet
108Kb / 7P
Base strip - SMSTBA 2,5/24-G
1767591 PHOENIX-1767591 Datasheet
118Kb / 8P
Housing - SMSTBA 2,5/24-G-5,08
1767546 PHOENIX-1767546 Datasheet
1Mb / 20P
SMSTBA 2,5/19-G-5,08 - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com