Electronic Components Datasheet Search
  English  ▼

X  

1766161 Datasheet (PDF) - PHOENIX CONTACT

1766161 Datasheet PDF - PHOENIX CONTACT
Part # 1766161
Download  1766161 Download
File Size   363.13 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MK3DSMH 3/29-5,08 - PCB terminal block

1766161 Datasheet (PDF)

Go To PDF Page Download Datasheet
1766161 Datasheet PDF - PHOENIX CONTACT

Part # 1766161
Download  1766161 Click to download

File Size   363.13 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MK3DSMH 3/29-5,08 - PCB terminal block

1766161 Datasheet (HTML) - PHOENIX CONTACT


1766161 Product details

PCB terminal block, nominal current: 22 A, rated voltage (III/2): 400 V, nominal cross section: 2.5
mm2, number of potentials: 58, number of rows: 2, number of positions per row: 29, product
range: MK3DSMH 3, pitch: 5.08 mm, connection method: Screw connection with tension sleeve,
screw head form: L Slotted, mounting: Wave soldering, conductor/PCB connection direction: 0 °,
color: green, Pin layout: Linear pinning, Solder pin [P]: 5 mm, number of solder pins per
potential: 1, type of packaging: packed in cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors
• Tall type enables conductor connection for sealed PCBs
• Conductor connection on several levels enables higher contact density
• Integrated protective guide prevents incorrect insertion of the conductor underneath the tension sleeve
• The latching on the side enables various numbers of positions to be combined




Similar Part No. - 1766161

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1766165 PHOENIX-1766165 Datasheet
146Kb / 5P
GMSTB 2,5/ 6-G-7,62
More results


Similar Description - 1766161

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1712737 PHOENIX-1712737 Datasheet
83Kb / 6P
PCB terminal block - MKDSF 3/ 3-5,08
1723195 PHOENIX-1723195 Datasheet
80Kb / 6P
PCB terminal block - MK3DSH 3/ 3-5,08
1723218 PHOENIX-1723218 Datasheet
155Kb / 5P
MK3DSMH 3/ 3-5,08
1790296 PHOENIX-1790296 Datasheet
87Kb / 5P
PCB terminal block - MFKDSP/ 3-5,08
1870255 PHOENIX-1870255 Datasheet
60Kb / 3P
PCB terminal block - MK3DSMH 3/ 2-5,08-EX
1870268 PHOENIX-1870268 Datasheet
60Kb / 3P
PCB terminal block - MK3DSMH 3/ 3-5,08-EX
1888409 PHOENIX-1888409 Datasheet
56Kb / 4P
PCB terminal block - MK3DSMH 3/ 3-5,08 BK
1750032 PHOENIX-1750032 Datasheet
64Kb / 5P
PCB terminal block - STB 3/3-5,08
1711754 PHOENIX-1711754 Datasheet
43Kb / 2P
PCB terminal block - MKDSW 3/ 3-5,08
02/16/2016
1723205 PHOENIX-1723205 Datasheet
371Kb / 11P
MK3DSMH 3/ 2-5,08 - PCB terminal block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com