Electronic Components Datasheet Search
  English  ▼

X  

U03084C Datasheet (PDF) - Belden Inc.

U03084C Datasheet PDF - Belden Inc.
Part # U03084C
Download  U03084C Download
File Size   146.4 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description TC-ER XLPE/LSZH, 3G C #8 Str BC, XLPE Ins M4, #10 Str BC Grnd, Blk LSZH Jkt, 600V TC-ER 90C Dry/Wet SUN RES

U03084C Datasheet (PDF)

Go To PDF Page Download Datasheet
U03084C Datasheet PDF - Belden Inc.

Part # U03084C
Download  U03084C Click to download

File Size   146.4 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description TC-ER XLPE/LSZH, 3G C #8 Str BC, XLPE Ins M4, #10 Str BC Grnd, Blk LSZH Jkt, 600V TC-ER 90C Dry/Wet SUN RES

U03084C Datasheet (HTML) - Belden Inc.


U03084C Product details

Product Description
UL Type TC-ER (1277) XLPE/LSZH, 3+G Conductor 8 AWG (7x16) Bare Copper, XLPE Insulation M4 Color Code, 10 (7x18) Bare Copper Ground Wire, Black
LSZH Outer Jacket, 600V TC-ER 90C Dry/Wet SUN RES




Similar Part No. - U03084C

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U030-003 TRIPPLITE-U030-003 Datasheet
156Kb / 2P
USB 2.0 A to Mini-B Cable (A to 5Pin Mini-B, M/M), 3-ft.
U030-003-COIL TRIPPLITE-U030-003-COIL Datasheet
159Kb / 2P
USB 2.0 A to Mini-B Coiled Cable (M/M), 3 ft.
U030-006 TRIPPLITE-U030-006 Datasheet
156Kb / 2P
USB 2.0 A to Mini-B Cable (A to 5Pin Mini-B M/M), 6-ft.
U030-006-COIL TRIPPLITE-U030-006-COIL Datasheet
165Kb / 2P
USB 2.0 A to Mini-B Coiled Cable (M/M), 6 ft.
U030-06N-HUB TRIPPLITE-U030-06N-HUB Datasheet
485Kb / 2P
USB 2.0 Hi-Speed Port Liberator (USB A to 5-Pin Mini B) Adapter Cable with 500mA Charging port, 6-in.
More results


Similar Description - U03084C

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
TP12018W BELDEN-TP12018W Datasheet
139Kb / 2P
Inst, 1 Pr #12 Str TC, XLPE Ins E1, Blk LSZH Jkt, 600V TC 90C Dry/Wet SUN RES
04-14-2023
28151A BELDEN-28151A Datasheet
158Kb / 4P
TC VN/PVC, 4G C #810 Str BC, PVC-NYL Ins M4, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
12-22-2023
A03084B BELDEN-A03084B Datasheet
139Kb / 2P
TC VN/PVC, 3G C #8 Str BC, PVC-NYL Ins M4, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
12-22-2023
U034A4G BELDEN-U034A4G Datasheet
145Kb / 2P
TC-ER XLPE/LSZH, 3G C #4/0 Str BC, XLPE Ins M4, 1 #4 Grnd, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES
12-22-2023
28150A BELDEN-28150A Datasheet
196Kb / 2P
TC VN/PVC, 3G C #810 Str BC, PVC-NYL Ins M4, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
12-22-2023
U02102 BELDEN-U02102 Datasheet
144Kb / 2P
TC XLPE/LSZH, 2 C #10 Str BC, XLPE Ins E2, Blk LSZH Jkt, 600V TC 90C Dry/Wet SUN RES
12-22-2023
U03064C BELDEN-U03064C Datasheet
145Kb / 2P
TC-ER XLPE/LSZH, 3G C #6 Str BC, XLPE Ins, M4, #10 Str BC Grnd, Blk LSZH Jkt, 600V TC 90C Dry/Wet SUN RES DIR BUR
12-22-2023
U03102G BELDEN-U03102G Datasheet
145Kb / 2P
TC-ER XLPE/LSZH, 3G C #10 Str BC, XLPE Ins E2, 1 #10 Grnd, Blk LSZH Jkt, 600V TC-ER 90C Dry/Wet SUN RES
12-22-2023
U03122 BELDEN-U03122 Datasheet
145Kb / 2P
TC-ER XLPE/LSZH, 3 C #12 Str BC, XLPE Ins E2, Blk LSZH Jkt, 600V TC-ER 90C Dry/Wet SUN RES
04-14-2023
U04122 BELDEN-U04122 Datasheet
145Kb / 2P
TC-ER XLPE/LSZH, 4 C #12 Str BC, XLPE Ins E2, Blk LSZH Jkt, 600V TC-ER 90C Dry/Wet SUN RES
04-14-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com