Electronic Components Datasheet Search
  English  ▼

X  

28112A Datasheet (PDF) - Belden Inc.

28112A Datasheet PDF - Belden Inc.
Part # 28112A
Download  28112A Download
File Size   197.73 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description TC VN/PVC, 5 C #12 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR

28112A Datasheet (PDF)

Go To PDF Page Download Datasheet
28112A Datasheet PDF - Belden Inc.

Part # 28112A
Download  28112A Click to download

File Size   197.73 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description TC VN/PVC, 5 C #12 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR

28112A Datasheet (HTML) - Belden Inc.


28112A Product details

Product Description
UL Type TC (1277) PVC-Nylon/PVC, 5 Conductor 12AWG (7x20) Bare Copper, PVC-NYL Insulation E2 Color Code, Black PVC Outer Jacket, 600V TC-ER
150V NPLF 90C Dry/Wet SUN RES DIR BUR




Similar Part No. - 28112A

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
28112 ALPHAWIRE-28112 Datasheet
98Kb / 4P
Customer Specification
12/13/2022
logo
PHOENIX CONTACT
2811268 PHOENIX-2811268 Datasheet
218Kb / 9P
MINI MCR-SL-CVS-24-5-10-NC
2811268 PHOENIX-2811268 Datasheet
283Kb / 14P
MINI MCR-RTD-UI-NC
2811271 PHOENIX-2811271 Datasheet
529Kb / 16P
TRIO-UPS/1AC/24DC/5
2811271 PHOENIX-2811271 Datasheet
696Kb / 41P
MACX MCR-T-UI-UP
More results


Similar Description - 28112A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
28084A BELDEN-28084A Datasheet
158Kb / 2P
TC VN/PVC, 6 C #14 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
04-14-2023
27109A BELDEN-27109A Datasheet
179Kb / 2P
TC VN/PVC, 2 C #12 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC 150V NPLF 90C Wet/Dry SUN RES DIR BUR
12-22-2023
28085A BELDEN-28085A Datasheet
205Kb / 2P
TC VN/PVC, 7 C #14 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
04-28-2023
28090A BELDEN-28090A Datasheet
211Kb / 2P
TC VN/PVC, 12 C #14 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
04-28-2023
28113A BELDEN-28113A Datasheet
157Kb / 2P
TC VN/PVC, 6 C #12 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
04-14-2023
28329A BELDEN-28329A Datasheet
158Kb / 2P
TC VN/PVC, 12 C #18 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
04-14-2023
28335A BELDEN-28335A Datasheet
158Kb / 2P
TC VN/PVC, 5 C #18 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
06-07-2023
28137A BELDEN-28137A Datasheet
157Kb / 2P
TC VN/PVC, 30 C #12 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
05-05-2023
28114A BELDEN-28114A Datasheet
157Kb / 2P
TC VN/PVC, 7 C #12 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
04-14-2023
28083A BELDEN-28083A Datasheet
203Kb / 2P
TC VN/PVC, 5 C #14 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
04-28-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com