Electronic Components Datasheet Search
  English  ▼

X  

1709231 Datasheet (PDF) - PHOENIX CONTACT

1709231 Datasheet PDF - PHOENIX CONTACT
Part # 1709231
Download  1709231 Download
File Size   314.37 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PTE 1,5/ 2-7,5 EU - PCB terminal block

1709231 Datasheet (PDF)

Go To PDF Page Download Datasheet
1709231 Datasheet PDF - PHOENIX CONTACT

Part # 1709231
Download  1709231 Click to download

File Size   314.37 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PTE 1,5/ 2-7,5 EU - PCB terminal block

1709231 Datasheet (HTML) - PHOENIX CONTACT


1709231 Product details

PCB terminal block, number of potentials: 2, number of rows: 1, number of positions per row: 2,
product range: PTE 1,5, pitch: 7.5 mm, connection method: Screw connection with tension
sleeve, screw head form: L Slotted, mounting: Wave soldering, conductor/PCB connection
direction: 0 °, color: black, Pin layout: Linear pinning, Solder pin [P]: 3 mm, number of solder pins
per potential: 1, type of packaging: packed in cardboard. For special applications, a rated
insulation voltage of 250 V at a rated surge voltage of 1 kV is also possible according to
overvoltage category IV and degree of pollution 3.

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors




Similar Part No. - 1709231

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
170923 FESTO-170923 Datasheet
95Kb / 2P
Guided actuator
logo
PHOENIX CONTACT
1709238 PHOENIX-1709238 Datasheet
104Kb / 5P
Printed-circuit board connector - IPC 5/10-STF-7,62
More results


Similar Description - 1709231

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1717020 PHOENIX-1717020 Datasheet
83Kb / 6P
PCB terminal block - GMKDS 1,5/ 2
1717321 PHOENIX-1717321 Datasheet
55Kb / 4P
PCB terminal block - MKDSNB 1,5/ 2
1718029 PHOENIX-1718029 Datasheet
84Kb / 6P
PCB terminal block - GSMKDSP 1,5/ 2
1792106 PHOENIX-1792106 Datasheet
129Kb / 5P
PCB terminal block - PLH 5/ 2-7,5-ZF
1792229 PHOENIX-1792229 Datasheet
140Kb / 4P
PCB terminal block - PLA 5/ 2-7,5-ZF
1869062 PHOENIX-1869062 Datasheet
84Kb / 6P
PCB terminal block - SMKDSN 1,5/ 2
1098167 PHOENIX-1098167 Datasheet
375Kb / 12P
PCB terminal block - LPT 6/ 2-7,5-ZB
Jul 6, 2022
1098175 PHOENIX-1098175 Datasheet
372Kb / 12P
PCB terminal block - LPTA 6/ 2-7,5-ZB
Jul 6, 2022
1988105 PHOENIX-1988105 Datasheet
355Kb / 9P
PCB terminal block - PT 2,5/ 2-7,5-H
1726037 PHOENIX-1726037 Datasheet
484Kb / 12P
MKKDSN 1,5/ 2 - PCB terminal block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com