Electronic Components Datasheet Search
  English  ▼

X  

1500745 Datasheet (PDF) - PHOENIX CONTACT

1500745 Datasheet PDF - PHOENIX CONTACT
Part # 1500745
Download  1500745 Download
File Size   577.3 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-5P-M12MR/10,0-PUR SH - Sensor/actuator cable

1500745 Datasheet (PDF)

Go To PDF Page Download Datasheet
1500745 Datasheet PDF - PHOENIX CONTACT

Part # 1500745
Download  1500745 Click to download

File Size   577.3 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-5P-M12MR/10,0-PUR SH - Sensor/actuator cable

1500745 Datasheet (HTML) - PHOENIX CONTACT


1500745 Product details

Sensor/actuator cable, 5-position, PUR halogen-free, black-gray RAL 7021, shielded (Tinned
copper braided shield), Plug angled M12, coding: A, Wiring: unwired, on free cable end, cable
length: 10 m

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Reliable signal transmission – 360° shielding in environments with electromagnetic interference




Similar Part No. - 1500745

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1500703 PHOENIX-1500703 Datasheet
727Kb / 19P
SAC-4P-M12MR/10,0-PUR SH - Sensor/actuator cable
logo
Weidmuller
1500710000 WEIDMULLER-1500710000 Datasheet
96Kb / 6P
BLT 5.08/7 SN SW
1500710000 WEIDMULLER-1500710000 Datasheet
96Kb / 6P
BLT 5.08/11 SN SW
1500710000 WEIDMULLER-1500710000 Datasheet
96Kb / 6P
BLT 5.08/14 SN SW
1500710000 WEIDMULLER-1500710000 Datasheet
96Kb / 6P
BLT 5.08/15 SN SW
More results


Similar Description - 1500745

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1403889 PHOENIX-1403889 Datasheet
94Kb / 5P
Sensor/Actuator cable - SAC-5P-M12MS/10,0-PUR/M12FS
1407790 PHOENIX-1407790 Datasheet
137Kb / 10P
Sensor/Actuator cable - SAC-5P-10,0-PUR/FS SH SCO
1435111 PHOENIX-1435111 Datasheet
110Kb / 7P
Sensor/Actuator cable - SAC-5P-10,0-PUR/AD-2L
1522833 PHOENIX-1522833 Datasheet
167Kb / 12P
Sensor/actuator cable - SAC-8P-M12MR/ 5,0-PUR SH
09/11/2020
1683374 PHOENIX-1683374 Datasheet
134Kb / 10P
Sensor/actuator cable - SAC-5P-10,0-PUR/M12FS
09/11/2020
1476803 PHOENIX-1476803 Datasheet
1Mb / 8P
SAC-3P-P12MS/10,0-PUR SH - Sensor/actuator cable
1476851 PHOENIX-1476851 Datasheet
318Kb / 7P
SAC-4P-P12MS/10,0-PUR SH - Sensor/actuator cable
1476796 PHOENIX-1476796 Datasheet
391Kb / 8P
SAC-3P-P12MR/10,0-PUR SH - Sensor/actuator cable
1476884 PHOENIX-1476884 Datasheet
1Mb / 8P
SAC-5P-10,0-PUR/P12FR SH - Sensor/actuator cable
1476900 PHOENIX-1476900 Datasheet
1Mb / 8P
SAC-5P-P12MS/10,0-PUR SH - Sensor/actuator cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com