Electronic Components Datasheet Search
  English  ▼

X  

28616A Datasheet (PDF) - Belden Inc.

28616A Datasheet PDF - Belden Inc.
Part # 28616A
Download  28616A Download
File Size   158.21 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description TC VN/PVC, 8 C #16 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR

28616A Datasheet (PDF)

Go To PDF Page Download Datasheet
28616A Datasheet PDF - Belden Inc.

Part # 28616A
Download  28616A Click to download

File Size   158.21 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description TC VN/PVC, 8 C #16 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR

28616A Datasheet (HTML) - Belden Inc.


28616A Product details

Product Description
UL Type TC (1277) PVC-Nylon/PVC, 8 Conductor 16AWG (7x24) Bare Copper, PVC-NYL Insulation E2 Color Code, Black PVC Outer Jacket, 600V TC-ER
150V NPLF 90C Dry/Wet SUN RES DIR BUR




Similar Part No. - 28616A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
28616 ETC2-28616 Datasheet
104Kb / 1P
Wiha TorqueControl Blades - For Easy Torque, TorqueFix & TorqueVario Handles
logo
PHOENIX CONTACT
2861603 PHOENIX-2861603 Datasheet
187Kb / 6P
IB IL 24 DO 8-2A-PAC
2861632 PHOENIX-2861632 Datasheet
370Kb / 22P
Inline Function Terminal for Pulse Width Modulation and Frequency Modulation
2861645 PHOENIX-2861645 Datasheet
524Kb / 9P
Disconnect terminal block - IB IL DOR LV-SET-PAC
Dec 8, 2022
2861658 PHOENIX-2861658 Datasheet
132Kb / 5P
IB IL DO 4 AC-1A-PAC
More results


Similar Description - 28616A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
28094A BELDEN-28094A Datasheet
157Kb / 2P
TC VN/PVC, 16 C #14 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
04-14-2023
28330A BELDEN-28330A Datasheet
158Kb / 2P
TC VN/PVC, 16 C #16 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
04-14-2023
28601A BELDEN-28601A Datasheet
152Kb / 2P
TC VN/PVC, 8 C #18 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
06-07-2023
28628A BELDEN-28628A Datasheet
171Kb / 2P
TC VN/PVC, 50 C #16 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
06-07-2023
28615A BELDEN-28615A Datasheet
158Kb / 2P
TC VN/PVC, 6 C #16 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
04-14-2023
28086A BELDEN-28086A Datasheet
157Kb / 2P
TC VN/PVC, 8 C #14 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
06-07-2023
28627A BELDEN-28627A Datasheet
158Kb / 2P
TC VN/PVC, 37 C #16 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
04-14-2023
27337A BELDEN-27337A Datasheet
158Kb / 2P
TC VN/PVC, 2 C #16 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC 150V NPLF 90C Wet/Dry SUN RES DIR BUR
12-22-2023
28323A BELDEN-28323A Datasheet
198Kb / 2P
TC VN/PVC, 7 C #16 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
04-28-2023
28625A BELDEN-28625A Datasheet
158Kb / 2P
TC VN/PVC, 20 C #16 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
04-14-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com