Electronic Components Datasheet Search
  English  ▼

X  

1522927 Datasheet (PDF) - PHOENIX CONTACT

1522927 Datasheet PDF - PHOENIX CONTACT
Part # 1522927
Download  1522927 Download
File Size   567.72 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-8P- 3,0-PUR/M12FR SH - Sensor/actuator cable

1522927 Datasheet (PDF)

Go To PDF Page Download Datasheet
1522927 Datasheet PDF - PHOENIX CONTACT

Part # 1522927
Download  1522927 Click to download

File Size   567.72 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-8P- 3,0-PUR/M12FR SH - Sensor/actuator cable

1522927 Datasheet (HTML) - PHOENIX CONTACT


1522927 Product details

Sensor/actuator cable, 8-position, PUR halogen-free, black-gray RAL 7021, shielded (Tinned
copper braided shield), free cable end, on Socket angled M12, coding: A, cable length: 3 m

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Reliable signal transmission – 360° shielding in environments with electromagnetic interference




Similar Part No. - 1522927

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1522901 PHOENIX-1522901 Datasheet
550Kb / 19P
SAC-8P-M12FS SH/.../... - Sensor/actuator cable
logo
Weidmuller
1522910000 WEIDMULLER-1522910000 Datasheet
61Kb / 1P
SL 5.08/2/135B
logo
PHOENIX CONTACT
1522914 PHOENIX-1522914 Datasheet
558Kb / 18P
SAC-8P- 1,5-PUR/M12FR SH - Sensor/actuator cable
1522930 PHOENIX-1522930 Datasheet
167Kb / 12P
Sensor/actuator cable - SAC-8P- 5,0-PUR/M12FR SH
09/11/2020
1522943 PHOENIX-1522943 Datasheet
567Kb / 18P
SAC-8P-10,0-PUR/M12FR SH - Sensor/actuator cable
More results


Similar Description - 1522927

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1442764 PHOENIX-1442764 Datasheet
138Kb / 11P
Sensor/actuator cable - SAC-5P- 3,0-PUR/M12FR P
09/11/2020
1501058 PHOENIX-1501058 Datasheet
173Kb / 12P
Sensor/actuator cable - SAC-5P-M12MS/ 3,0-PUR/M12FR SH
09/11/2020
1522778 PHOENIX-1522778 Datasheet
162Kb / 11P
Sensor/actuator cable - SAC-8P-M12MS/ 1,5-PUR SH
09/11/2020
1522833 PHOENIX-1522833 Datasheet
167Kb / 12P
Sensor/actuator cable - SAC-8P-M12MR/ 5,0-PUR SH
09/11/2020
1522930 PHOENIX-1522930 Datasheet
167Kb / 12P
Sensor/actuator cable - SAC-8P- 5,0-PUR/M12FR SH
09/11/2020
1694402 PHOENIX-1694402 Datasheet
137Kb / 11P
Sensor/actuator cable - SAC-3P- 3,0-PUR/M12FR-2L
09/11/2020
1694512 PHOENIX-1694512 Datasheet
135Kb / 10P
Sensor/actuator cable - SAC-3P- 3,0-PUR/M12FR
09/11/2020
1476892 PHOENIX-1476892 Datasheet
2Mb / 8P
SAC-5P- 3,0-PUR/P12FS SH - Sensor/actuator cable
1476839 PHOENIX-1476839 Datasheet
313Kb / 7P
SAC-4P- 3,0-PUR/P12FR SH - Sensor/actuator cable
1476902 PHOENIX-1476902 Datasheet
1Mb / 8P
SAC-5P-P12MS/ 3,0-PUR SH - Sensor/actuator cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com