Electronic Components Datasheet Search
  English  ▼

X  

QPF4559 Datasheet (PDF) - Qorvo, Inc

QPF4559 Datasheet PDF - Qorvo, Inc
Part # QPF4559
Download  QPF4559 Download
File Size   138.51 Kbytes
Page   2 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description Wi-Fi 7 Front End Module

QPF4559 Datasheet (PDF)

Go To PDF Page Download Datasheet
QPF4559 Datasheet PDF - Qorvo, Inc

Part # QPF4559
Download  QPF4559 Click to download

File Size   138.51 Kbytes
Page   2 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description Wi-Fi 7 Front End Module

QPF4559 Datasheet (HTML) - Qorvo, Inc


QPF4559 Product details

Key Features
• 5170 – 5895 MHz
• POUT = +18 dBm MCS13 EHT80 -47dB Dynamic EVM
• POUT = +20 dBm MCS11 HE80 -43dB Dynamic EVM
• POUT = +24 dBm MCS9 VHT80 -35dB Dynamic EVM
• POUT = +27 dBm MCS0 HT20 Spectral Mask Compliance
• Optimized for +5 V Operation
• 32 dB Tx Gain
• 1.6 dB Noise Figure
• 15 dB Rx Gain & 7 dB Bypass Loss
• 25 dB 2.4 GHz Rejection on Rx Path
• Integrated RF & DC Logarithmic Power Detector




Similar Part No. - QPF4559

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPF4550 QORVO-QPF4550 Datasheet
149Kb / 2P
Wi-Fi Front End Module
QPF4550EVB-01 QORVO-QPF4550EVB-01 Datasheet
149Kb / 2P
Wi-Fi Front End Module
QPF4550SB QORVO-QPF4550SB Datasheet
149Kb / 2P
Wi-Fi Front End Module
QPF4550SQ QORVO-QPF4550SQ Datasheet
149Kb / 2P
Wi-Fi Front End Module
QPF4550SR QORVO-QPF4550SR Datasheet
149Kb / 2P
Wi-Fi Front End Module
More results


Similar Description - QPF4559

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
RFFM4252 TRIQUINT-RFFM4252 Datasheet
552Kb / 7P
Wi-Fi Front End Module
logo
Qorvo, Inc
QPF4550 QORVO-QPF4550 Datasheet
149Kb / 2P
Wi-Fi Front End Module
QPF4538 QORVO-QPF4538 Datasheet
147Kb / 2P
Wi-Fi Front End Module
QPF4506 QORVO-QPF4506 Datasheet
303Kb / 2P
Wi-Fi Front End Module
QPF4219 QORVO-QPF4219 Datasheet
165Kb / 2P
Wi-Fi Front End Module
QPF4216 QORVO-QPF4216 Datasheet
168Kb / 2P
Wi-Fi Front End Module
QPF4206B QORVO-QPF4206B Datasheet
179Kb / 2P
Wi-Fi Front End Module
RFFM8227P QORVO-RFFM8227P Datasheet
142Kb / 2P
Wi-Fi Front End Module
RFFM4558A QORVO-RFFM4558A Datasheet
151Kb / 2P
Wi-Fi Front End Module
RFFM4252 QORVO-RFFM4252 Datasheet
147Kb / 2P
Wi-Fi Front End Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com