Electronic Components Datasheet Search
  English  ▼

X  

QPB2040N Datasheet (PDF) - Qorvo, Inc

QPB2040N Datasheet PDF - Qorvo, Inc
Part # QPB2040N
Download  QPB2040N Download
File Size   1062.92 Kbytes
Page   14 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 18 – 40 GHz 100 W Ka-Band GaN Amplifier

QPB2040N Datasheet (PDF)

Go To PDF Page Download Datasheet
QPB2040N Datasheet PDF - Qorvo, Inc

Part # QPB2040N
Download  QPB2040N Click to download

File Size   1062.92 Kbytes
Page   14 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 18 – 40 GHz 100 W Ka-Band GaN Amplifier

QPB2040N Datasheet (HTML) - Qorvo, Inc


QPB2040N Product details

Product Features
• Frequency Range: 18 – 40 GHz
• Saturated Output Power: 50.0 dBm (PIN = 39 dBm)
• Large Signal Gain: 11.0 dB (PIN = 39 dBm)
• Solid State MMIC Reliability
• Multi-Element Redundancy
• Instant On (no warm-up)
• Integrated Bias Card
Performance is typical across frequency. Please
reference electrical specification table and data plots for
more details.




Similar Part No. - QPB2040N

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
QPB2318 TRIQUINT-QPB2318 Datasheet
1Mb / 21P
15 dB Balanced Return Path Amplifier 5 ??210 MHz
logo
Qorvo, Inc
QPB2318 QORVO-QPB2318 Datasheet
1Mb / 21P
15 dB Balanced Return Path Amplifier 5 ??210 MHz
logo
TriQuint Semiconductor
QPB2318PCK TRIQUINT-QPB2318PCK Datasheet
1Mb / 21P
15 dB Balanced Return Path Amplifier 5 ??210 MHz
logo
Qorvo, Inc
QPB2318PCK QORVO-QPB2318PCK Datasheet
1Mb / 21P
15 dB Balanced Return Path Amplifier 5 ??210 MHz
logo
TriQuint Semiconductor
QPB2318SQ TRIQUINT-QPB2318SQ Datasheet
1Mb / 21P
15 dB Balanced Return Path Amplifier 5 ??210 MHz
More results


Similar Description - QPB2040N

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGM2635-CP TRIQUINT-TGM2635-CP Datasheet
1Mb / 14P
X-Band 100 W GaN Power Amplifier
logo
Cree, Inc
CMPA1D1E080F CREE-CMPA1D1E080F Datasheet
1Mb / 11P
80 W, 13.75 - 14.5 GHz, 40 V, Ku-Band GaN, Power Amplifier
logo
Qorvo, Inc
QPA3055P QORVO-QPA3055P Datasheet
821Kb / 26P
100 W S-Band GaN Power Amplifier
QPB3238 QORVO-QPB3238 Datasheet
794Kb / 9P
32 ??38 GHz Ka-Band GaN Amplifier
QPB2731N QORVO-QPB2731N Datasheet
503Kb / 8P
27 ??31 GHz Ka-Band GaN Amplifier
QPB2731 QORVO-QPB2731 Datasheet
608Kb / 8P
27 ??31 GHz Ka-Band GaN Amplifier
TGA2963-CP QORVO-TGA2963-CP Datasheet
518Kb / 17P
6 ??18 GHz 20 W GaN Power Amplifier
TGM2635-CP QORVO-TGM2635-CP Datasheet
974Kb / 14P
X-Band 100 W GaN Power Amplifier
September 2018
TGA2576-2-FL QORVO-TGA2576-2-FL Datasheet
568Kb / 11P
2.5 ??6.0 GHz 40 W GaN Power Amplifier
September 2019
QPB3238N QORVO-QPB3238N Datasheet
1Mb / 17P
32 – 38 GHz Ka-Band GaN Amplifier
September 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com