Electronic Components Datasheet Search
  English  ▼

X  

QPA2040DEVB01 Datasheet (PDF) - Qorvo, Inc

QPA2040DEVB01 Datasheet PDF - Qorvo, Inc
Part # QPA2040DEVB01
Download  QPA2040DEVB01 Download
File Size   703.99 Kbytes
Page   23 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 20 – 40 GHz 2 Watt GaN Power Amplifier

QPA2040DEVB01 Datasheet (PDF)

Go To PDF Page Download Datasheet
QPA2040DEVB01 Datasheet PDF - Qorvo, Inc

Part # QPA2040DEVB01
Download  QPA2040DEVB01 Click to download

File Size   703.99 Kbytes
Page   23 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 20 – 40 GHz 2 Watt GaN Power Amplifier

QPA2040DEVB01 Datasheet (HTML) - Qorvo, Inc


QPA2040DEVB01 Product details

Key Features
• Frequency Range: 20 – 40 GHz
• PSAT (PIN=21 dBm): 33.5 dBm
• PAE (PIN=21 dBm): 13 %
• Power Gain (PIN=21 dBm): 12.5 dB
• Small Signal Gain: 24.3 dB
• Bias: VD = 18 V, IDQ = 462 mA
• Die Dimensions: 2.692 x 1.882 x 0.050 mm
Performance is typical across frequency. Please
reference electrical specification table and data plots for
more details.




Similar Part No. - QPA2040DEVB01

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPA2210D QORVO-QPA2210D Datasheet
615Kb / 22P
27 ??31 GHz 7 Watt GaN Power Amplifier
QPA2210DEVB01 QORVO-QPA2210DEVB01 Datasheet
615Kb / 22P
27 ??31 GHz 7 Watt GaN Power Amplifier
QPA2211 QORVO-QPA2211 Datasheet
692Kb / 22P
27.5 ??31 GHz 10 W GaN Power Amplifier
QPA2211D QORVO-QPA2211D Datasheet
616Kb / 22P
27.5 ??31 GHz 14 Watt GaN Power Amplifier
QPA2211DEVB03 QORVO-QPA2211DEVB03 Datasheet
616Kb / 22P
27.5 ??31 GHz 14 Watt GaN Power Amplifier
More results


Similar Description - QPA2040DEVB01

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
QPA1014 TRIQUINT-QPA1014 Datasheet
1Mb / 16P
40 Watt GaN Amplifier
logo
Custom MMIC Design Serv...
CMD184 MMIC-CMD184 Datasheet
236Kb / 9P
0.5-20 GHz GaN Power Amplifier
logo
Qorvo, Inc
CMD184 QORVO-CMD184 Datasheet
236Kb / 9P
0.5-20 GHz GaN Power Amplifier
QPA2226D QORVO-QPA2226D Datasheet
1Mb / 24P
34 ??36 GHz 20 Watt GaN Power Amplifier
QPA2210D QORVO-QPA2210D Datasheet
615Kb / 22P
27 ??31 GHz 7 Watt GaN Power Amplifier
QPA2962 QORVO-QPA2962 Datasheet
1Mb / 27P
2 ??20 GHz 10 Watt GaN Amplifier
QPA2213D QORVO-QPA2213D Datasheet
911Kb / 28P
2 ??20 GHz 2 Watt GaN Amplifier
TGA2962 QORVO-TGA2962 Datasheet
637Kb / 27P
2 ??20 GHz 10 Watt GaN Amplifier
QPA1014 QORVO-QPA1014 Datasheet
746Kb / 16P
2.7 ??3.7 GHz 40 Watt GaN Amplifier
September 2018
QPA2213 QORVO-QPA2213 Datasheet
995Kb / 28P
2 ??20 GHz 2 Watt GaN Amplifier
June 5, 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com