Electronic Components Datasheet Search
  English  ▼

X  

1625822 Datasheet (PDF) - Turck, Inc.

1625822 Datasheet PDF - Turck, Inc.
Part # 1625822
Download  1625822 Download
File Size   251.37 Kbytes
Page   2 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Inductive Sensor – Detection of Small and Fast Tube-guided Parts

1625822 Datasheet (PDF)

Go To PDF Page Download Datasheet
1625822 Datasheet PDF - Turck, Inc.

Part # 1625822
Download  1625822 Click to download

File Size   251.37 Kbytes
Page   2 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Inductive Sensor – Detection of Small and Fast Tube-guided Parts

1625822 Datasheet (HTML) - Turck, Inc.


1625822 Product details

Features
■Rectangular, height 12 mm
■Plastic, PBT‐GF30‐V0
■Resistant to magnetic fields
■Factor 1 for all metals
■High sensitivity for detection of small parts
■Output pulse length min. 100 ms
■DC 3-wire, 10…30 VDC
■NO contact, NPN output
■M8 x 1 male connector
Functional principle
The highly sensitive sensor detects even small
and fast tube-guided parts. Easily mounted
with retaining straps. Can be repositioned
or replaced during operation. High-quality
alternative to simple ring sensors.




Similar Part No. - 1625822

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
162582 FESTO-162582 Datasheet
96Kb / 1P
Pressure regulator
logo
Turck, Inc.
1625820 TURCK-1625820 Datasheet
1,001Kb / 3P
Inductive Sensor – With Extended Switching Distance
11/07/2023
logo
Weidmuller
1625820000 WEIDMULLER-1625820000 Datasheet
61Kb / 1P
Omnimate Range - 5.00 mm Pitch
1625820000 WEIDMULLER-1625820000 Datasheet
61Kb / 1P
Omnimate Range - 5.00 mm Pitch
1625820000 WEIDMULLER-1625820000 Datasheet
61Kb / 1P
Omnimate Range - 5.00 mm Pitch
More results


Similar Description - 1625822

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
CQ-2063 AKM-CQ-2063 Datasheet
734Kb / 13P
Fast response small current sensor
CQ-209D AKM-CQ-209D Datasheet
638Kb / 13P
Fast response small current sensor
logo
Infineon Technologies A...
BTS409L1 INFINEON-BTS409L1_13 Datasheet
310Kb / 13P
Fast demagnetization of inductive loads
2013-10-10
BTS410E2 INFINEON-BTS410E2_13 Datasheet
418Kb / 15P
Fast demagnetization of inductive loads
2013-10-15
BTS410F2 INFINEON-BTS410F2_13 Datasheet
477Kb / 14P
Fast demagnetization of inductive loads
2013-10-15
BTS426L1 INFINEON-BTS426L1_13 Datasheet
459Kb / 13P
Fast demagnetization of inductive loads
2013-10-10
BTS611L1 INFINEON-BTS611L1_13 Datasheet
438Kb / 14P
Fast demagnetization of inductive loads
2013-10-11
BTS612N1 INFINEON-BTS612N1_13 Datasheet
423Kb / 14P
Fast demagnetization of inductive loads
2013-10-11
BTS621L1 INFINEON-BTS621L1_13 Datasheet
353Kb / 14P
Fast demagnetization of inductive loads
2013-10-11
logo
STMicroelectronics
VL53L0X STMICROELECTRONICS-VL53L0X Datasheet
923Kb / 40P
World smallest Time-of-Flight ranging and gesture detection sensor
May 2016 Rev 1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com