Electronic Components Datasheet Search
  English  ▼

X  

M1963 Datasheet (PDF) - Enercon Technologies Europe AG

M1963 Datasheet PDF - Enercon Technologies Europe AG
Part # M1963
Download  M1963 Download
File Size   958.86 Kbytes
Page   9 Pages
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG
Description 1-PHASE AC/DC POWER SUPPLY

M1963 Datasheet (PDF)

Go To PDF Page Download Datasheet
M1963 Datasheet PDF - Enercon Technologies Europe AG

Part # M1963
Download  M1963 Click to download

File Size   958.86 Kbytes
Page   9 Pages
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG
Description 1-PHASE AC/DC POWER SUPPLY

M1963 Datasheet (HTML) - Enercon Technologies Europe AG


M1963 Product details

PRODUCT HIGHLIGHTS
• HIGH POWER FACTOR
• TRIPLE OUTPUT
• 1-PHASE AC/DC
POWER SUPPLY
• UP TO 130 W

Special Features
• Miniature size
• High efficiency
• High power factor (up to 96%)
• Input / Output isolation
• Fixed switching freq. (450 kHz for output converters)
• EMI filters included
• Remote inhibit (On/Off)
• Limited inrush current
• Non-latching protections:
o Overload/short-circuit
o Over temperature




Similar Part No. - M1963

ManufacturerPart #DatasheetDescription
logo
Enercon Technologies Eu...
M1965 ENERCON-M1965 Datasheet
570Kb / 9P
TRIPLE-OUTPUTS OR SINGLE OUTPUTS, 130W 1-PHASE AC TO DC POWER SUPPLY
Feb 28, 2022
M1965-100 ENERCON-M1965-100 Datasheet
570Kb / 9P
TRIPLE-OUTPUTS OR SINGLE OUTPUTS, 130W 1-PHASE AC TO DC POWER SUPPLY
Feb 28, 2022
M1965-101 ENERCON-M1965-101 Datasheet
570Kb / 9P
TRIPLE-OUTPUTS OR SINGLE OUTPUTS, 130W 1-PHASE AC TO DC POWER SUPPLY
Feb 28, 2022
M1965-102 ENERCON-M1965-102 Datasheet
570Kb / 9P
TRIPLE-OUTPUTS OR SINGLE OUTPUTS, 130W 1-PHASE AC TO DC POWER SUPPLY
Feb 28, 2022
logo
PETERMANN-TECHNIK
M1967 PETERMANN-M1967 Datasheet
90Kb / 5P
HIGH RELIABILITY FOR LOW COST
More results


Similar Description - M1963

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CH0018 ETC2-CH0018 Datasheet
229Kb / 1P
AC/DC Power Supply
logo
CUI INC
VOF-6 CUI-VOF-6_11 Datasheet
239Kb / 5P
AC-DC POWER SUPPLY
VOF-10 CUI-VOF-10_11 Datasheet
208Kb / 5P
AC-DC POWER SUPPLY
VOF-25 CUI-VOF-25_11 Datasheet
265Kb / 5P
AC-DC POWER SUPPLY
VOF-45 CUI-VOF-45_11 Datasheet
237Kb / 5P
AC-DC POWER SUPPLY
VGD-30-D512 CUI-VGD-30-D512 Datasheet
313Kb / 4P
AC-DC POWER SUPPLY
VFM40-D512 CUI-VFM40-D512_12 Datasheet
253Kb / 4P
AC-DC POWER SUPPLY
VSK-S20-3R3U CUI-VSK-S20-3R3U Datasheet
155Kb / 4P
AC-DC POWER SUPPLY
VSK-S10-3R3UA-T CUI-VSK-S10-3R3UA-T Datasheet
370Kb / 5P
AC-DC POWER SUPPLY
VOF-80 CUI-VOF-80_12 Datasheet
250Kb / 5P
AC-DC POWER SUPPLY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com