Electronic Components Datasheet Search
  English  ▼

X  

1419328 Datasheet (PDF) - PHOENIX CONTACT

1419328 Datasheet PDF - PHOENIX CONTACT
Part # 1419328
Download  1419328 Download
File Size   1589.88 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACCBP-FS-5CON-M16/1,0-PUR SCO - Device connector, rear mounting

1419328 Datasheet (PDF)

Go To PDF Page Download Datasheet
1419328 Datasheet PDF - PHOENIX CONTACT

Part # 1419328
Download  1419328 Click to download

File Size   1589.88 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACCBP-FS-5CON-M16/1,0-PUR SCO - Device connector, rear mounting

1419328 Datasheet (HTML) - PHOENIX CONTACT


1419328 Product details

Device connector, rear mounting, Universal, 5-position, PUR halogen-free, black-gray RAL 7021,
shielded, Socket, straight, M12-SPEEDCON, coding: A, on free cable end, Rear mounting, M16
x 1.5, Cable connection, cable length: 1 m, 0.34 mm2, PUR halogen-free black, Alternative
product in accordance with RoHS II without Exemption 6c (Pb < 0.1 %) item no.: 1239247

Your advantages
• Preassembled with cables in various standard lengths for immediate use
• Customer-specific assemblies and cable lengths can be supplied
• Sealed on the cable side for optimum tightness of seal
• For high transmission safety: shield connection to the housing with optional EMC nut




Similar Part No. - 1419328

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
14193 BULGIN-14193 Datasheet
552Kb / 6P
USB Buccaneer짰
logo
Bulgin Limited. All rig...
14193 BULGINLIMITED-14193 Datasheet
375Kb / 6P
Standard Buccaneer - USB
14193 BULGINLIMITED-14193 Datasheet
1Mb / 6P
6000 Series Buccaneer
logo
PHOENIX CONTACT
1419302 PHOENIX-1419302 Datasheet
609Kb / 16P
SACCBP-FS-4CON-M16/1,0-PUR SCO - Device connector, rear mounting
1419315 PHOENIX-1419315 Datasheet
607Kb / 16P
SACCBP-FS-4CON-M16/2,0-PUR SCO - Device connector, rear mounting
More results


Similar Description - 1419328

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1419315 PHOENIX-1419315 Datasheet
607Kb / 16P
SACCBP-FS-4CON-M16/2,0-PUR SCO - Device connector, rear mounting
1419344 PHOENIX-1419344 Datasheet
520Kb / 14P
SACCBP-FS-8CON-M16/2,0-PUR SCO - Device connector, rear mounting
1419357 PHOENIX-1419357 Datasheet
520Kb / 14P
SACCBP-FS-8CON-M16/1,0-PUR SCO - Device connector, rear mounting
1419399 PHOENIX-1419399 Datasheet
603Kb / 14P
SACCBP-MS-4CON-M16/1,0-PUR SCO - Device connector, rear mounting
1419409 PHOENIX-1419409 Datasheet
589Kb / 14P
SACCBP-MS-5CON-M16/1,0-PUR SCO - Device connector, rear mounting
1419302 PHOENIX-1419302 Datasheet
609Kb / 16P
SACCBP-FS-4CON-M16/1,0-PUR SCO - Device connector, rear mounting
1419412 PHOENIX-1419412 Datasheet
632Kb / 15P
SACCBP-MS-5CON-M16/2,0-PUR SCO - Device connector, rear mounting
1419425 PHOENIX-1419425 Datasheet
518Kb / 13P
SACCBP-MS-8CON-M16/1,0-PUR SCO - Device connector, rear mounting
1534559 PHOENIX-1534559 Datasheet
1Mb / 12P
SACCBP-M12FSB-5CON-M16/1,0-900 - Device connector, rear mounting
1239245 PHOENIX-1239245 Datasheet
490Kb / 13P
SACCBP-FS-4CON-M16/1,0-PUR SCOX - Device connector, rear mounting
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com