Electronic Components Datasheet Search
  English  ▼

X  

PCF1252-5 Datasheet (PDF) - NXP Semiconductors

PCF1252-5 Datasheet PDF - NXP Semiconductors
Part # PCF1252-5
Download  PCF1252-5 Download
File Size   107.19 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Threshold detector and reset generator

PCF1252-5 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCF1252-5 Datasheet PDF - NXP Semiconductors

Part # PCF1252-5
Download  PCF1252-5 Click to download

File Size   107.19 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Threshold detector and reset generator

PCF1252-5 Datasheet (HTML) - NXP Semiconductors


PCF1252-5 Product details

GENERAL DESCRIPTION
The PCF1252-Xs are low-power CMOS voltage threshold detectors designed especially for supervision of microcontroller/microprocessor systems for detection of power-on/off conditions and generation of a system reset pulse. The PCF1252-X also provides a POWF (power fail) output which is activated at a precise factory-programmed trip point. A system RESET output has a built-in delay with duration determined by an external capacitor (CCT).
A second comparator (comparator 2) has been included to enable the possibility of a second monitoring point in the system.

FEATURES
• Very low current consumption, typically 10 µA
• 10 factory programmed threshold voltages available
   covering trip voltages from 4.75 to 2.55 V
• ±50 mV trip point accuracy over full temperature range
• Variable RESET delay
• RESET pulse polarity selection
• Defined outputs at 0.6 V (typ.)
• Comparator for second level detection
   (e.g. overvoltage detection)
• Advance warning of power fail
• Operating temperature range −40 to +85 °C.




Similar Part No. - PCF1252-5

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
PCF12 KOA-PCF12 Datasheet
344Kb / 3P
ceramic fixed power type leaded resistor
PCF12 KOA-PCF12 Datasheet
344Kb / 3P
ceramic fixed power type leaded resistor
logo
Mersen
PCF12-H MERSEN-PCF12-H Datasheet
253Kb / 2P
Fast-Acting PC Mount Fuses
PCF12-R MERSEN-PCF12-R Datasheet
253Kb / 2P
Fast-Acting PC Mount Fuses
PCF12-S MERSEN-PCF12-S Datasheet
253Kb / 2P
Fast-Acting PC Mount Fuses
More results


Similar Description - PCF1252-5

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
CTD05076 DAICO-CTD05076 Datasheet
126Kb / 1P
Threshold Detector
DTD01999 DAICO-DTD01999 Datasheet
115Kb / 1P
Threshold Detector
DTD05080 DAICO-DTD05080 Datasheet
128Kb / 1P
Threshold Detector
DTD05097 DAICO-DTD05097 Datasheet
106Kb / 1P
Threshold Detector
DTD08052 DAICO-DTD08052 Datasheet
127Kb / 1P
Threshold Detector
logo
Spectrum Microwave, Inc...
TMJ9902 SPECTRUM-TMJ9902 Datasheet
236Kb / 1P
Threshold Detector
TMJ9904 SPECTRUM-TMJ9904 Datasheet
246Kb / 1P
Threshold Detector
logo
API Technologies Corp
TMJ9924 APITECH-TMJ9924 Datasheet
100Kb / 1P
THRESHOLD DETECTOR
TMJ9912 APITECH-TMJ9912 Datasheet
70Kb / 1P
THRESHOLD DETECTOR
TMJ9902 APITECH-TMJ9902 Datasheet
101Kb / 1P
THRESHOLD DETECTOR
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com