Electronic Components Datasheet Search
  English  ▼

X  

TPS7A0512PDBVR Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TPS7A0512PDBVR Datasheet PDF - Texas Instruments
Part # TPS7A0512PDBVR
Download  TPS7A0512PDBVR Download
File Size   3715.76 Kbytes
Page   55 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TPS7A05 1-μA Ultralow IQ, 200-mA, Low-Dropout Regulator in a Small-Size Package

TPS7A0512PDBVR Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS7A0512PDBVR Datasheet PDF - Texas Instruments

Part # TPS7A0512PDBVR
Download  TPS7A0512PDBVR Click to download

File Size   3715.76 Kbytes
Page   55 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TPS7A05 1-μA Ultralow IQ, 200-mA, Low-Dropout Regulator in a Small-Size Package

TPS7A0512PDBVR Datasheet (HTML) - Texas Instruments


TPS7A0512PDBVR Product details

1 Features
1• Ultralow IQ: 1 μA (typ), 3 μA (max)
– IGND: 6 μA (typ) at 200 mA
• Excellent transient response
• Packages:
– 1.0-mm × 1.0-mm X2SON (4)
– 0.65-mm × 0.65-mm DSBGA (4)
– SOT-23 (5)
– SOT-23 (3)
• Input voltage range: 1.4 V to 5.5 V
• Output accuracy: 1% typical, 3% maximum
• Available in fixed-output voltage:
– 0.8 V to 3.3 V
• Very low dropout:
– 235 mV (max) at 200 mA (3.3 VOUT)
• Active output discharge
• Foldback current limit
• Stable with a 0.47-μF or larger capacitor

2 Applications
• Wearable electronics
• Ultrabooks, tablets, E-readers
• Always-on power supplies
• Set-top boxes
• Gaming controllers, remote controls, toys, drones
• Wireless handsets and smart phones
• Portable and battery-powered equipment

3 Description
The TPS7A05 is an ultra-small, low quiescent current
low-dropout regulator (LDO) that can source 200 mA
with excellent transient performance. This device has
an output range of 0.8 V to 3.3 V with a typical 1%
accuracy.
The TPS7A05, with ultralow IQ (1 μA), consumes
very-low quiescent current for extending battery life in
battery-powered applications. The device can be
operated from rechargeable Li-Ion batteries, Liprimary
battery chemistries such as Li-SOCl2, Li-
MnO2, as well as two- or three-cell alkaline batteries.
The TPS7A05 is available with an active pulldown
circuit to quickly discharge the output when disabled.
The TPS7A05 is fully specified for TJ = –40°C to
+125°C operation, and is available in standard
X2SON (DQN), SOT-23 (DBV and DBZ), and DSBGA
(YKA) packages.




Similar Part No. - TPS7A0512PDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A0512PDBVR TI1-TPS7A0512PDBVR Datasheet
3Mb / 40P
1-uA Ultralow IQ, 200-mA, Low-Dropout Regulator in a 1-mm x 1-mm Package
TPS7A0512PDBVR TI1-TPS7A0512PDBVR Datasheet
4Mb / 50P
1-uA Ultralow IQ, 200-mA, Low-Dropout Regulator in a Small-Size Package
TPS7A0512PDBVR TI1-TPS7A0512PDBVR Datasheet
4Mb / 50P
1-uA Ultralow IQ, 200-mA, Low-Dropout Regulator in a Small-Size Package
TPS7A0512PDBVR TI1-TPS7A0512PDBVR Datasheet
4Mb / 52P
1-關A Ultralow IQ, 200-mA, Low-Dropout Regulator in a Small-Size Package
TPS7A0512PDBVR TI1-TPS7A0512PDBVR Datasheet
4Mb / 52P
1-關A Ultralow IQ, 200-mA, Low-Dropout Regulator in a Small-Size Package
More results


Similar Description - TPS7A0512PDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A05 TI1-TPS7A05 Datasheet
511Kb / 24P
1-uA IQ, 200-mA, Ultralow IQ Low-Dropout Regulator in a 1-mm x 1-mm Package
TPS7A05_1808 TI1-TPS7A05_1808 Datasheet
4Mb / 50P
1-uA Ultralow IQ, 200-mA, Low-Dropout Regulator in a Small-Size Package
TPS7A05_1810 TI1-TPS7A05_1810 Datasheet
4Mb / 50P
1-uA Ultralow IQ, 200-mA, Low-Dropout Regulator in a Small-Size Package
TPS7A05 TI1-TPS7A05_19 Datasheet
4Mb / 52P
1-關A Ultralow IQ, 200-mA, Low-Dropout Regulator in a Small-Size Package
TPS7A05_1905 TI1-TPS7A05_1905 Datasheet
4Mb / 52P
1-關A Ultralow IQ, 200-mA, Low-Dropout Regulator in a Small-Size Package
TPS7A05 TI1-TPS7A05_V01 Datasheet
4Mb / 52P
1-關A Ultralow IQ, 200-mA, Low-Dropout Regulator in a Small-Size Package
TPS7A05 TI1-TPS7A05_V02 Datasheet
4Mb / 55P
TPS7A05 1-關A Ultralow IQ, 200-mA, Low-Dropout Regulator in a Small-Size Package
TPS7A05 TI1-TPS7A05_V03 Datasheet
4Mb / 55P
TPS7A05 1-關A Ultralow IQ, 200-mA, Low-Dropout Regulator in a Small-Size Package
TPS7A05 TI1-TPS7A05_V04 Datasheet
4Mb / 55P
TPS7A05 1-關A Ultralow IQ, 200-mA, Low-Dropout Regulator in a Small-Size Package
TPS7A05 TI1-TPS7A05_V05 Datasheet
4Mb / 55P
TPS7A05 1-關A Ultralow IQ, 200-mA, Low-Dropout Regulator in a Small-Size Package
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com