Electronic Components Datasheet Search
  English  ▼

X  

BT474 Datasheet (PDF) - List of Unclassifed Manufacturers

BT474 Datasheet PDF - List of Unclassifed Manufacturers
Part # BT474
Download  BT474 Download
File Size   1412.14 Kbytes
Page   23 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 80MHz 256-Word Color Palette Personal System/2 RAMDAC

BT474 Datasheet (PDF)

Go To PDF Page Download Datasheet
BT474 Datasheet PDF - List of Unclassifed Manufacturers

Part # BT474
Download  BT474 Click to download

File Size   1412.14 Kbytes
Page   23 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 80MHz 256-Word Color Palette Personal System/2 RAMDAC

BT474 Datasheet (HTML) - List of Unclassifed Manufacturers


BT474 Product details

Product Description

The Bt471, 476, and 478 are pin-compatible
and software-compatible RAMDACs de-
signed specifically for Personal System/2®-
compatible color graphics. The Bt476 is
also available in a 28-pin DIP package that
is pin compatible with the IMS® G176.

‘The Bt471 has a 256 x 18 color lookup ta-
ble with triple 6-bit video D/A converters.
The Bt478 has a 256 x 24 color lookup table
with triple 8-bit video D/A converters. It
may be configured for either 6-bit or 8-bit
D/A converter operation. The Bt476 is simi-
lar to the Bt471 but has no overlays, no pro-
grammable setup, and no sync information
on the analog outputs.

Additional features on the Bt471 and
Bt478 include 15 overlay registers that pro-
vide, for example, overlaying cursors, grids,
‘menus, and EGA emulation. Also supported
is sync generation on all three channels, a
programmable pedestal (0 or 7.5 IRE), and
use of either an external voltage or current
reference.

‘The Bt471/476/478 generates RS-343A-
compatible video signals into a doubly-
terminated 75 Q load.

Note: "Personal System/2®" and "PS/2®" are
registered trademarks of IBM. "IMS®" is a
registered trademark of Inmos Limited.

Distinguishing Features

+ Personal System/2® Compatibility

+ 80,66, 50, 35 MHz Operation

Triple 6-bit or 8-bit D/A Converters

+ 256-Word Color Palette RAM

+ RS-343A-Compatible Outputs

* 15 Overlay Registers (Bt471/478)

+ Sync on All Three Channels
(Bt471/478)

+ Programmable Pedestal (Bt471/478)

+ External Voltage or Current
Reference

+ Standard MPU Interface

+ +5 V CMOS Monolithic
Construction

«+ 44-pin PLCC or 28-pin DIP Package

Applications

+ High-Resolution Color
Graphics

+ CAE/CAD/CAM

+ Image Processing

+ Instrumentation

+ Desktop Publishing




Similar Part No. - BT474

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BT471 ETC-BT471 Datasheet
2Mb / 35P
256-Word Color Palette 15-, 16-, and 24-bit True Color Power-Down RAMDACs“
Rev. C
BT471 ETC-BT471 Datasheet
327Kb / 52P
110 MHz 256-Word Color Palette 15-, 16-, and 24-Bit True Color Power-Down RAMDAC
logo
STMicroelectronics
BT4730D STMICROELECTRONICS-BT4730D Datasheet
587Kb / 7P
4 X 13 - 2 X 38W AUDIO POWER AMPLIFIER 2 X 13 1 X 38W AUDIO POWER AMPLIFIER
Mar-2004
logo
List of Unclassifed Man...
BT475 ETC-BT475 Datasheet
2Mb / 35P
256-Word Color Palette 15-, 16-, and 24-bit True Color Power-Down RAMDACs“
Rev. C
BT475 ETC-BT475 Datasheet
327Kb / 52P
110 MHz 256-Word Color Palette 15-, 16-, and 24-Bit True Color Power-Down RAMDAC
More results


Similar Description - BT474

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TVP3409 TI-TVP3409 Datasheet
245Kb / 57P
Video Interface Palette True-Color CMOS RAMDAC
TVP3703 TI-TVP3703 Datasheet
298Kb / 21P
VIDEO INTERFACE PALETTE TRUE-COLOR CMOS RAMDAC
logo
List of Unclassifed Man...
BT453 ETC-BT453 Datasheet
932Kb / 17P
66Mhz Monolithic CMOS 256X24 Color Palette RAMDAC
logo
Texas Instruments
TLC34058-110M TI-TLC34058-110M Datasheet
438Kb / 21P
256 x 24 COLOR PALETTE
logo
List of Unclassifed Man...
TR9C1710 ETC1-TR9C1710 Datasheet
169Kb / 2P
GRAPHICS COLOR PALETTE
logo
Texas Instruments
TLC34058 TI1-TLC34058 Datasheet
481Kb / 26P
256 횞 24 COLOR PALETTE
TVP3409 TI1-TVP3409_09 Datasheet
256Kb / 57P
Video Interface Palette True-Color CMOS RAMDAC
TVP3703 TI1-TVP3703_05 Datasheet
325Kb / 22P
VIDEO INTERFACE PALETTE TRUE-COLOR CMOS RAMDAC
logo
List of Unclassifed Man...
BT481 ETC-BT481 Datasheet
2Mb / 35P
256-Word Color Palette 15-, 16-, and 24-bit True Color Power-Down RAMDACs“
Rev. C
BT481A ETC-BT481A Datasheet
327Kb / 52P
110 MHz 256-Word Color Palette 15-, 16-, and 24-Bit True Color Power-Down RAMDAC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com