Electronic Components Datasheet Search
  English  ▼

X  

1536120 Datasheet (PDF) - PHOENIX CONTACT

1536120 Datasheet PDF - PHOENIX CONTACT
Part # 1536120
Download  1536120 Download
File Size   1711.61 Kbytes
Page   20 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-5P-M12MS-M12FS SH/.../... - Sensor/actuator cable

1536120 Datasheet (PDF)

Go To PDF Page Download Datasheet
1536120 Datasheet PDF - PHOENIX CONTACT

Part # 1536120
Download  1536120 Click to download

File Size   1711.61 Kbytes
Page   20 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-5P-M12MS-M12FS SH/.../... - Sensor/actuator cable

1536120 Datasheet (HTML) - PHOENIX CONTACT


1536120 Product details

Sensor/actuator cable, 5-position, Plug straight M12, coding: A, connected with unwired, on
Socket straight M12, coding: A, cable length: Free input (0.2 ... 40.0 m)

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Reliable signal transmission – 360° shielding in environments with electromagnetic interference




Similar Part No. - 1536120

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1536104 PHOENIX-1536104 Datasheet
751Kb / 22P
SAC-4P-M12MR-M12FS SH/.../... - Sensor/actuator cable
1536117 PHOENIX-1536117 Datasheet
755Kb / 22P
SAC-4P-M12MR-M12FR SH/.../... - Sensor/actuator cable
1536133 PHOENIX-1536133 Datasheet
1Mb / 20P
SAC-5P-M12MS-M12FR SH/.../... - Sensor/actuator cable
1536146 PHOENIX-1536146 Datasheet
1Mb / 19P
SAC-5P-M12MR-M12FS SH/.../... - Sensor/actuator cable
1536159 PHOENIX-1536159 Datasheet
1Mb / 20P
SAC-5P-M12MR-M12FR SH/.../... - Sensor/actuator cable
More results


Similar Description - 1536120

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1400293 PHOENIX-1400293 Datasheet
100Kb / 5P
Sensor/Actuator cable - SAC-5P-M12MS/ 3,0-PUR/M12FS VW
1403889 PHOENIX-1403889 Datasheet
94Kb / 5P
Sensor/Actuator cable - SAC-5P-M12MS/10,0-PUR/M12FS
1052840 PHOENIX-1052840 Datasheet
58Kb / 3P
Sensor/actuator cable - SAC-5P-M12MS/25,0-PUR/M12FS
10/28/2020
1095806 PHOENIX-1095806 Datasheet
1Mb / 8P
Sensor/actuator cable - SAC-5P-M12MS/5,0-680/M12FS FDP
01/13/2022
1425146 PHOENIX-1425146 Datasheet
136Kb / 9P
Sensor/actuator cable - SAC-5P-M12MS/7,2-28X/M12FS OD
09/12/2020
1501003 PHOENIX-1501003 Datasheet
173Kb / 12P
Sensor/actuator cable - SAC-5P-M12MS/ 0,3-PUR/M12FR SH
09/11/2020
1511569 PHOENIX-1511569 Datasheet
114Kb / 4P
Sensor/actuator cable - SAC-5P-M12MS/ 4,0-PUR/M12FS SH
12/05/2018
1530854 PHOENIX-1530854 Datasheet
114Kb / 4P
Sensor/actuator cable - SAC-5P-M12MS/25,0-PUR/M12FS SH
12/06/2018
1531073 PHOENIX-1531073 Datasheet
108Kb / 4P
Sensor/actuator cable - SAC-5P- 0,3-PUR/M12FS SH
12/06/2018
1095836 PHOENIX-1095836 Datasheet
1Mb / 13P
SAC-5P-M12MS/10,0-680/M12FS FDP - Sensor/actuator cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com