Electronic Components Datasheet Search
  English  ▼

X  

SN74LVC125AD Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
SN74LVC125AD Datasheet PDF - Texas Instruments
Part # SN74LVC125AD
Download  SN74LVC125AD Download
File Size   1975.57 Kbytes
Page   33 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description SN74LVC125A Quadruple Bus Buffer Gate With 3-State Outputs

SN74LVC125AD Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74LVC125AD Datasheet PDF - Texas Instruments

Part # SN74LVC125AD
Download  SN74LVC125AD Click to download

File Size   1975.57 Kbytes
Page   33 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description SN74LVC125A Quadruple Bus Buffer Gate With 3-State Outputs

SN74LVC125AD Datasheet (HTML) - Texas Instruments


SN74LVC125AD Product details

1 Features
• 3-State outputs
• Separate OE for all 4 buffers
• Operates from 1.65V to 3.6V
• Specified from –40°C to 85°C
and –40°C to 125°C
• Inputs accept voltages to 5.5V
• Max tpd of 4.8ns at 3.3V
• Typical VOLP (output ground bounce)
< 0.8V at VCC = 3.3V, TA = 25°C
• Typical VOHV (output VOH undershoot)
> 2V at VCC = 3.3V, TA = 25°C
• Latch-up performance exceeds 250mA
per JESD 17

2 Applications
• Cable Modem Termination Systems
• IP Phones: Wired and Wireless
• Optical Modules
• Optical Networking:
– EPON or Video Over Fiber
• Point-to-Point Microwave Backhaul
• Power: Telecom DC/DC Modules:
– Analog or Digital
• Private Branch Exchanges (PBX)
• TETRA Base Stations
• Telecom Base Band Units
• Telecom Shelters:
– Filter Units
– Power Distribution Units (PDU)
– Power Monitoring Units (PMU)
– Wireless Battery Monitoring
– Remote Electrical Tilt Units (RET)
– Remote Radio Units (RRU)
– Tower Mounted Amplifiers (TMA)
• Vector Signal Analyzers and Generators
• Video Conferencing: IP-Based HD
• WiMAX and Wireless Infrastructure Equipment
• Wireless Communications Testers
• xDSL Modems and DSLAM

3 Description
This quadruple bus buffer gate is designed for 1.65V
to 3.6V VCC operation.
The SN74LVC125A device features independent line
drivers with 3-state outputs. Each output is disabled
when the associated output-enable (OE) input is high.
To ensure the high-impedance state during power up
or power down, OE should be tied to VCC through
a pullup resistor; the minimum value of the resistor
is determined by the current-sinking capability of the
driver.
Inputs can be driven from either 3.3V or 5V devices.
This feature allows the use of this device as a
translator in a mixed 3.3V/5V system environment.




Similar Part No. - SN74LVC125AD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC125AD TI-SN74LVC125AD Datasheet
109Kb / 8P
QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC125AD TI-SN74LVC125AD Datasheet
281Kb / 12P
QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN74LVC125AD TI-SN74LVC125AD Datasheet
1Mb / 46P
QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC125AD TI-SN74LVC125AD Datasheet
614Kb / 17P
QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC125AD TI1-SN74LVC125AD Datasheet
1Mb / 28P
SN74LVC125A Quadruple Bus Buffer Gate With 3-State Outputs
More results


Similar Description - SN74LVC125AD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC125A TI-SN74LVC125A Datasheet
109Kb / 8P
QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AUC125 TI-SN74AUC125 Datasheet
170Kb / 9P
QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC125A TI-SN74LVC125A_07 Datasheet
1Mb / 46P
QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AVC126 TI-SN74AVC126 Datasheet
227Kb / 13P
QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LV125A-Q1 TI1-SN74LV125A-Q1 Datasheet
638Kb / 13P
QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC125A-EP TI1-SN74LVC125A-EP Datasheet
530Kb / 12P
QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC126A-Q1 TI1-SN74LVC126A-Q1 Datasheet
227Kb / 10P
QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74AHC125 UTC-U74AHC125 Datasheet
212Kb / 6P
QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Potato Semiconductor Co...
PO74G126A POTATO-PO74G126A_14 Datasheet
1Mb / 5P
QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74LVC125A TI1-SN74LVC125A_16 Datasheet
1Mb / 28P
SN74LVC125A Quadruple Bus Buffer Gate With 3-State Outputs
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com