Electronic Components Datasheet Search
  English  ▼

X  

SN74LVC125A Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
SN74LVC125A Datasheet PDF - Texas Instruments
Part # SN74LVC125A
Download  SN74LVC125A Download
File Size   1368.18 Kbytes
Page   22 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description SN74LVC125A-Q1 Automotive Quadruple Bus Buffer Gate With 3-State Outputs

SN74LVC125A Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74LVC125A Datasheet PDF - Texas Instruments

Part # SN74LVC125A
Download  SN74LVC125A Click to download

File Size   1368.18 Kbytes
Page   22 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description SN74LVC125A-Q1 Automotive Quadruple Bus Buffer Gate With 3-State Outputs

SN74LVC125A Datasheet (HTML) - Texas Instruments


SN74LVC125A Product details

1 Features
• Qualified for automotive applications
• Operates from 1.65V to 3.6V
• Specified from –40°C to 125°C
• Inputs accept voltages to 5.5V
• Max tpd of 4.8ns at 3.3V
• Typical VOLP (output ground bounce) <0.8V at VCC
= 3.3V, TA = 25°C
• Typical VOHV (output VOH undershoot) >2V at VCC
= 3.3V, TA = 25°C
• Latch-up performance exceeds 250mA per JESD
17

2 Description
This quadruple bus buffer gate is designed for 1.65V
to 3.6V VCC operation.




Similar Part No. - SN74LVC125A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC125A TI-SN74LVC125A Datasheet
109Kb / 8P
QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC125A TI-SN74LVC125A Datasheet
281Kb / 12P
QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN74LVC125A TI-SN74LVC125A Datasheet
1Mb / 46P
QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC125A TI-SN74LVC125A Datasheet
614Kb / 17P
QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC125A TI1-SN74LVC125A Datasheet
1Mb / 28P
SN74LVC125A Quadruple Bus Buffer Gate With 3-State Outputs
More results


Similar Description - SN74LVC125A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC125A TI-SN74LVC125A Datasheet
109Kb / 8P
QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AUC125 TI-SN74AUC125 Datasheet
170Kb / 9P
QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AVC126 TI-SN74AVC126 Datasheet
227Kb / 13P
QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LV125A-Q1 TI1-SN74LV125A-Q1 Datasheet
638Kb / 13P
QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Potato Semiconductor Co...
PO74G126A POTATO-PO74G126A_14 Datasheet
1Mb / 5P
QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74LVC125A TI1-SN74LVC125A_16 Datasheet
1Mb / 28P
SN74LVC125A Quadruple Bus Buffer Gate With 3-State Outputs
SN74AHCT126-Q1 TI-SN74AHCT126-Q1_V01 Datasheet
1Mb / 25P
SN74AHCT126-Q1 Automotive Quadruple Bus Buffer Gate with 3-State Outputs
REVISED MAY 2023
SN74AHCT125-Q1 TI-SN74AHCT125-Q1_V01 Datasheet
1Mb / 25P
SN74AHCT125-Q1 Automotive Quadruple Bus Buffer Gates With 3-State Outputs
REVISED JUNE 2023
SN74AHC125-Q1 TI1-SN74AHC125-Q1_V01 Datasheet
1Mb / 22P
SN74AHC125-Q1 Automotive Quadruple Bus Buffer Gate with 3-State Outputs
REVISED JUNE 2023
SN74AHC126-Q1 TI1-SN74AHC126-Q1 Datasheet
1Mb / 26P
SN74AHC126-Q1 Automotive Quadruple Bus Buffer Gates With 3-State Outputs
AUGUST 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com