Electronic Components Datasheet Search
  English  ▼

X  

782965121 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

782965121 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 782965121
Download  782965121 Download
File Size   649.8 Kbytes
Page   6 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-CBA SMT EMI Suppression Ferrite Bead

782965121 Datasheet (PDF)

Go To PDF Page Download Datasheet
782965121 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 782965121
Download  782965121 Click to download

File Size   649.8 Kbytes
Page   6 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-CBA SMT EMI Suppression Ferrite Bead

782965121 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


782965121 Product details

General Information:
Do not use this part constantly beyond the Rated Current, as this will create excessive heat and can
harm the component
Ambient Temperature (referring
to IR) -55 up to +85 °C
Operating Temperature -55 up to +125 °C
Storage Conditions (in original
packaging) < 40 °C ; < 75 % RH
Moisture Sensitivity Level (MSL) 1
Test conditions of Electrical Properties: +20 °C, 33 % RH if not specified differently




Similar Part No. - 782965121

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
782965601 WURTH-782965601 Datasheet
517Kb / 6P
WE-CBA SMT EMI Suppression Ferrite Bead ORDER CODE
001.000
782965700 WURTH-782965700 Datasheet
719Kb / 7P
WE-CBA SMT EMI Suppression Ferrite Bead
002.000
782965781 WURTH-782965781 Datasheet
649Kb / 6P
WE-CBA SMT EMI Suppression Ferrite Bead
002.000
More results


Similar Description - 782965121

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
782853131 WURTH-782853131 Datasheet
543Kb / 6P
WE-CBA SMT EMI Suppression Ferrite Bead
001.000
782853162 WURTH-782853162 Datasheet
513Kb / 6P
WE-CBA SMT EMI Suppression Ferrite Bead
001.001
782853601 WURTH-782853601 Datasheet
543Kb / 6P
WE-CBA SMT EMI Suppression Ferrite Bead
001.000
782963600 WURTH-782963600 Datasheet
563Kb / 7P
WE-CBA SMT EMI Suppression Ferrite Bead
001.000
782763301 WURTH-782763301 Datasheet
517Kb / 6P
WE-CBA SMT EMI Suppression Ferrite Bead
001.001
782631141 WURTH-782631141 Datasheet
560Kb / 7P
WE-CBA SMT EMI Suppression Ferrite Bead
002.000
782963610 WURTH-782963610 Datasheet
563Kb / 7P
WE-CBA SMT EMI Suppression Ferrite Bead
001.000
782631111 WURTH-782631111 Datasheet
560Kb / 7P
WE-CBA SMT EMI Suppression Ferrite Bead
002.000
782853401 WURTH-782853401 Datasheet
513Kb / 6P
WE-CBA SMT EMI Suppression Ferrite Bead
001.001
782963851 WURTH-782963851 Datasheet
517Kb / 6P
WE-CBA SMT EMI Suppression Ferrite Bead
001.000
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com