Electronic Components Datasheet Search
  English  ▼

X  

1400876 Datasheet (PDF) - PHOENIX CONTACT

1400876 Datasheet PDF - PHOENIX CONTACT
Part # 1400876
Download  1400876 Download
File Size   590.31 Kbytes
Page   24 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-3P-A-1L-V/.../... - Sensor/actuator cable

1400876 Datasheet (PDF)

Go To PDF Page Download Datasheet
1400876 Datasheet PDF - PHOENIX CONTACT

Part # 1400876
Download  1400876 Click to download

File Size   590.31 Kbytes
Page   24 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-3P-A-1L-V/.../... - Sensor/actuator cable

1400876 Datasheet (HTML) - PHOENIX CONTACT


1400876 Product details

Sensor/actuator cable, 3-position, free cable end, on Valve connector A, with 1 LED, connected
with Varistor, cable length: Free input (0.2 ... 40.0 m)

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Convenient: increased machine availability thanks to quick and easy diagnostics
• Flexible solutions - configurable materials with variable cable types and cable lengths




Similar Part No. - 1400876

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1400875 PHOENIX-1400875 Datasheet
654Kb / 26P
SAC-3P-MR-A-1L-V SCO/.../... - Sensor/actuator cable
1400877 PHOENIX-1400877 Datasheet
636Kb / 24P
SAC-3P-MS-BI-1L-V SCO/.../... - Sensor/actuator cable
1400878 PHOENIX-1400878 Datasheet
614Kb / 24P
SAC-3P-MR-BI-1L-V SCO/.../... - Sensor/actuator cable
1400879 PHOENIX-1400879 Datasheet
549Kb / 24P
SAC-3P-BI-1L-V/.../... - Sensor/actuator cable
More results


Similar Description - 1400876

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1400648 PHOENIX-1400648 Datasheet
109Kb / 8P
Sensor/Actuator cable - SAC-3P-5,0-PUR/A-1L-V 230V
1402985 PHOENIX-1402985 Datasheet
95Kb / 5P
Sensor/Actuator cable - SAC-3P- 1,5-PUR/A-1L-V 230V
1415908 PHOENIX-1415908 Datasheet
83Kb / 4P
Sensor/Actuator cable - SAC-3P- 1,5-PVC/A-1L-V
1415909 PHOENIX-1415909 Datasheet
83Kb / 4P
Sensor/Actuator cable - SAC-3P- 3,0-PVC/A-1L-V
1415910 PHOENIX-1415910 Datasheet
83Kb / 4P
Sensor/Actuator cable - SAC-3P- 5,0-PVC/A-1L-V
1415911 PHOENIX-1415911 Datasheet
83Kb / 4P
Sensor/Actuator cable - SAC-3P-10,0-PVC/A-1L-V
1443103 PHOENIX-1443103 Datasheet
95Kb / 5P
Sensor/Actuator cable - SAC-3P- 1,5-PUR/A-1L-V
1443116 PHOENIX-1443116 Datasheet
95Kb / 5P
Sensor/Actuator cable - SAC-3P- 3,0-PUR/A-1L-V
1443129 PHOENIX-1443129 Datasheet
95Kb / 5P
Sensor/Actuator cable - SAC-3P- 5,0-PUR/A-1L-V
1443132 PHOENIX-1443132 Datasheet
107Kb / 8P
Sensor/Actuator cable - SAC-3P-10,0-PUR/A-1L-V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com