Electronic Components Datasheet Search
  English  ▼

X  

1614000 Datasheet (PDF) - PHOENIX CONTACT

1614000 Datasheet PDF - PHOENIX CONTACT
Part # 1614000
Download  1614000 Download
File Size   259.09 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description RF-17S1N8A9V02 - Coupler connector

1614000 Datasheet (PDF)

Go To PDF Page Download Datasheet
1614000 Datasheet PDF - PHOENIX CONTACT

Part # 1614000
Download  1614000 Click to download

File Size   259.09 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description RF-17S1N8A9V02 - Coupler connector

1614000 Datasheet (HTML) - PHOENIX CONTACT


1614000 Product details

Coupler connector, straight, Screw locking mechanism, M23, number of positions: 17, contact
connection type: Socket, shielded: yes, degree of protection: IP67, cable diameter range: 6 mm .
.. 10 mm, number of positions: 17, connection method: Crimp connection, series: RF, Alternative
product in accordance with RoHS II without Exemption 6c (Pb < 0.1 %) item no.: 1242837




Similar Part No. - 1614000

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
1614001 TURCK-1614001 Datasheet
796Kb / 2P
Inductive Sensor
11/07/2023
1614002 TURCK-1614002 Datasheet
795Kb / 2P
Inductive Sensor
11/07/2023
1614003 TURCK-1614003 Datasheet
794Kb / 2P
Inductive Sensor
11/07/2023
logo
PHOENIX CONTACT
1614004 PHOENIX-1614004 Datasheet
240Kb / 6P
RF-17S2N8A9V03 - Coupler connector
logo
Turck, Inc.
1614005 TURCK-1614005 Datasheet
876Kb / 2P
Inductive Sensor
11/07/2023
More results


Similar Description - 1614000

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
DCP9931-10 AAC-DCP9931-10 Datasheet
199Kb / 2P
RF Coupler Card Series
logo
EPCOS
B78408A1899A003 EPCOS-B78408A1899A003 Datasheet
87Kb / 4P
RF transformers 6 dB directional coupler
logo
M/A-COM Technology Solu...
MACP-010121-B8180X MA-COM-MACP-010121-B8180X Datasheet
145Kb / 4P
E-Series RF 20dB Coupler
MACP-010121-B8180X MA-COM-MACP-010121-B8180X Datasheet
145Kb / 4P
E-Series RF 20dB Coupler
MACP-010121-B8180X MA-COM-MACP-010121-B8180X_15 Datasheet
145Kb / 4P
E-Series RF 20dB Coupler
logo
PHOENIX CONTACT
1607255 PHOENIX-1607255 Datasheet
471Kb / 13P
RF-12P2N8A90DU - Coupler connector
1607231 PHOENIX-1607231 Datasheet
395Kb / 10P
RF-12P1N8A90DU - Coupler connector
1607278 PHOENIX-1607278 Datasheet
351Kb / 8P
RF-12S1N8A90DU - Coupler connector
1607265 PHOENIX-1607265 Datasheet
302Kb / 7P
RF-12P2S8A9002 - Coupler connector
1607302 PHOENIX-1607302 Datasheet
351Kb / 8P
RF-12S2N8A90DU - Coupler connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com