Electronic Components Datasheet Search
  English  ▼

X  

1952076 Datasheet (PDF) - PHOENIX CONTACT

1952076 Datasheet PDF - PHOENIX CONTACT
Part # 1952076
Download  1952076 Download
File Size   1000.09 Kbytes
Page   24 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FMC 1,5/ 7-ST-3,5-RF - Printed-circuit board connector

1952076 Datasheet (PDF)

Go To PDF Page Download Datasheet
1952076 Datasheet PDF - PHOENIX CONTACT

Part # 1952076
Download  1952076 Click to download

File Size   1000.09 Kbytes
Page   24 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FMC 1,5/ 7-ST-3,5-RF - Printed-circuit board connector

1952076 Datasheet (HTML) - PHOENIX CONTACT


1952076 Product details

PCB connector, nominal cross section: 1.5 mm2, color: green, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Tin, contact connection type: Socket, number of potentials: 7,
number of rows: 1, number of positions: 7, number of connections: 7, product range: FMC 1,5/..-
ST-RF, pitch: 3.5 mm, connection method: Push-in spring connection, conductor/PCB
connection direction: 0 °, plug-in system: COMBICON MC 1,5, locking: Snap-in locking,
mounting: Self-locking flange, type of packaging: packed in cardboard

Your advantages
• Time saving push-in connection, tools not required
• Defined contact force ensures that contact remains stable over the long term
• Intuitive operation due to color-coded actuating push button
• Operation and conductor connection from one direction enable integration into front of device
• Intuitive locking mechanism prevents accidental disconnection




Similar Part No. - 1952076

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1952021 PHOENIX-1952021 Datasheet
77Kb / 4P
Printed-circuit board connector - FMC 1,5/ 2-ST-3,5-RF
1952034 PHOENIX-1952034 Datasheet
77Kb / 4P
Printed-circuit board connector - FMC 1,5/ 3-ST-3,5-RF
1952047 PHOENIX-1952047 Datasheet
1Mb / 24P
Printed-circuit board connector - FMC 1,5/ 4-ST-3,5-RF
Jul 20, 2022
1952050 PHOENIX-1952050 Datasheet
186Kb / 13P
Printed-circuit board connector - FMC 1,5/ 5-ST-3,5-RF
1952063 PHOENIX-1952063 Datasheet
1,017Kb / 24P
Printed-circuit board connector - FMC 1,5/ 6-ST-3,5-RF
Dec 30, 2022
More results


Similar Description - 1952076

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1952021 PHOENIX-1952021 Datasheet
77Kb / 4P
Printed-circuit board connector - FMC 1,5/ 2-ST-3,5-RF
1952050 PHOENIX-1952050 Datasheet
186Kb / 13P
Printed-circuit board connector - FMC 1,5/ 5-ST-3,5-RF
1952186 PHOENIX-1952186 Datasheet
70Kb / 4P
Printed-circuit board connector - FMC 1,5/18-ST-3,5-RF
1952160 PHOENIX-1952160 Datasheet
71Kb / 4P
Printed-circuit board connector - FMC 1,5/16-ST-3,5-RF
1952115 PHOENIX-1952115 Datasheet
71Kb / 4P
Printed-circuit board connector - FMC 1,5/11-ST-3,5-RF
1826745 PHOENIX-1826745 Datasheet
204Kb / 10P
Printed-circuit board connector - FMC 1,5/ 7-ST-3,5 BK
1952128 PHOENIX-1952128 Datasheet
179Kb / 14P
Printed-circuit board connector - FMC 1,5/12-ST-3,5-RF
09/12/2020
1952047 PHOENIX-1952047 Datasheet
1Mb / 24P
Printed-circuit board connector - FMC 1,5/ 4-ST-3,5-RF
Jul 20, 2022
1952063 PHOENIX-1952063 Datasheet
1,017Kb / 24P
Printed-circuit board connector - FMC 1,5/ 6-ST-3,5-RF
Dec 30, 2022
1952319 PHOENIX-1952319 Datasheet
1Mb / 19P
Printed-circuit board connector - FMC 1,5/ 7-ST-3,5
Jul 21, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com