Electronic Components Datasheet Search
  English  ▼

X  

1926251 Datasheet (PDF) - PHOENIX CONTACT

1926251 Datasheet PDF - PHOENIX CONTACT
Part # 1926251
Download  1926251 Download
File Size   550.49 Kbytes
Page   16 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTBT 2,5 HC/ 4-ST - PCB connector

1926251 Datasheet (PDF)

Go To PDF Page Download Datasheet
1926251 Datasheet PDF - PHOENIX CONTACT

Part # 1926251
Download  1926251 Click to download

File Size   550.49 Kbytes
Page   16 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTBT 2,5 HC/ 4-ST - PCB connector

1926251 Datasheet (HTML) - PHOENIX CONTACT


1926251 Product details

PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 16 A, rated
voltage (III/2): 320 V, contact surface: Tin, contact connection type: Socket, number of potentials:
4, number of rows: 1, number of positions: 4, number of connections: 4, product range: MSTBT
2,5 HC/..-ST, pitch: 5 mm, connection method: Screw connection with tension sleeve, screw
head form: L Slotted, conductor/PCB connection direction: 0 °, locking clip: - Locking clip, plug-in
system: COMBICON MSTB 2,5 HC, locking: without, mounting: without, type of packaging:
packed in cardboard, The T-shape of the MSTBT plug distributes the height uniformly over the
upper and lower sides of the printed circuit board

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors
• Integrated double steel spring provides additional safety in the event of temperature and power fluctuations




Similar Part No. - 1926251

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
192625 FESTO-192625 Datasheet
84Kb / 1P
Filter regulator
More results


Similar Description - 1926251

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1779851 PHOENIX-1779851 Datasheet
137Kb / 6P
MSTBT 2,5/ 4-ST
1780002 PHOENIX-1780002 Datasheet
148Kb / 7P
MSTBT 2,5/ 4-ST-5,08
1926264 PHOENIX-1926264 Datasheet
176Kb / 10P
Printed-circuit board connector - MSTBT 2,5 HC/ 5-ST
1926332 PHOENIX-1926332 Datasheet
91Kb / 7P
Printed-circuit board connector - MSTBT 2,5 HC/12-ST
1926293 PHOENIX-1926293 Datasheet
91Kb / 7P
Printed-circuit board connector - MSTBT 2,5 HC/ 8-ST
1926303 PHOENIX-1926303 Datasheet
91Kb / 7P
Printed-circuit board connector - MSTBT 2,5 HC/ 9-ST
1926277 PHOENIX-1926277 Datasheet
91Kb / 7P
Printed-circuit board connector - MSTBT 2,5 HC/ 6-ST
1926358 PHOENIX-1926358 Datasheet
165Kb / 11P
Printed-circuit board connector - MSTBT 2,5 HC/ 2-ST
09/12/2020
1942170 PHOENIX-1942170 Datasheet
666Kb / 20P
PCB connector - FKC 2,5 HC/ 4-ST
Jan 5, 2023
1912317 PHOENIX-1912317 Datasheet
383Kb / 12P
PCB connector - MVSTBR 2,5 HC/ 4-ST
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com