Electronic Components Datasheet Search
  English  ▼

X  

10105649 Datasheet (PDF) - DANFOSS POWER SOLUTIONS

10105649 Datasheet PDF - DANFOSS POWER SOLUTIONS
Part # 10105649
Download  10105649 Download
File Size   362.15 Kbytes
Page   4 Pages
Manufacturer  DANFOSS [DANFOSS POWER SOLUTIONS]
Direct Link  https://www.danfoss.com/en-us/
Logo DANFOSS - DANFOSS POWER SOLUTIONS
Description PLUS1® Controllers

10105649 Datasheet (PDF)

Go To PDF Page Download Datasheet
10105649 Datasheet PDF - DANFOSS POWER SOLUTIONS

Part # 10105649
Download  10105649 Click to download

File Size   362.15 Kbytes
Page   4 Pages
Manufacturer  DANFOSS [DANFOSS POWER SOLUTIONS]
Direct Link  https://www.danfoss.com/en-us/
Logo DANFOSS - DANFOSS POWER SOLUTIONS
Description PLUS1® Controllers

10105649 Datasheet (HTML) - DANFOSS POWER SOLUTIONS


10105649 Product details

Features
• 32 bit fixed-point DSP running at 150
MHz
• 12 bit analog-to-digital converter
• 2 MB serial flash vault memory
• 90 pins
‒ 1: DEUTSCH DRC26-50 connector
‒ 1: DEUTSCH DRC26-38 connector
‒ 2: M5 power bolts
• 1 independent power supply for all
outputs except C2-P30 and C2-P31
• 1 independent CPU and start up
functions power supply 9 to 36 Vdc
(also provides power to C2-P30 and C2-
P31)
• Power supply for external sensors rated
at 5 Vdc to 500 mA, regulated internally
• 2 LEDs, user controlled
• 2 Can 2.0B-ports




Similar Part No. - 10105649

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
10105 ETC-10105 Datasheet
116Kb / 1P
Heyco짰 Nylon PCB Supports - Imperial Spacing
logo
Heyco.
10105 HEYCO-10105 Datasheet
113Kb / 1P
Nylon PCB Supports - Imperial Spacing
logo
Theben AG
1010500 THEBEN-1010500 Datasheet
947Kb / 4P
Präsenzmelder & Bewegungsmelder Wandmontage außen
22.11.2024
logo
Lapp.
10105000 LAPP-10105000 Datasheet
137Kb / 2P
EPIC® H-B 24 SGRL
17.09.2018
logo
Theben AG
1010501 THEBEN-1010501 Datasheet
1,006Kb / 4P
Präsenzmelder & Bewegungsmelder Wandmontage außen
22.11.2024
More results


Similar Description - 10105649

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1994 MAXIM-DS1994 Datasheet
634Kb / 23P
4Kb Plus Time Memory iButton®
11/09
logo
Kendall Howard
7000-3-536-00 KENDALLHOWARD-7000-3-536-00 Datasheet
327Kb / 1P
PERFORMANCE PLUS® ACCESSORY BARS
7000-3-548-00 KENDALLHOWARD-7000-3-548-00 Datasheet
327Kb / 1P
PERFORMANCE PLUS® ACCESSORY BARS
7000-3-560-00 KENDALLHOWARD-7000-3-560-00 Datasheet
327Kb / 1P
PERFORMANCE PLUS® ACCESSORY BARS
logo
Lapp.
0028650 LAPP-0028650 Datasheet
90Kb / 2P
UNITRONIC® FD P plus A
2021-12-17
11139500 LAPP-11139500 Datasheet
87Kb / 2P
UNITRONIC® FD CP (TP) plus A
2021-12-17
11139600 LAPP-11139600 Datasheet
86Kb / 2P
UNITRONIC® FD CP plus A
2021-12-17
2170636 LAPP-2170636 Datasheet
264Kb / 2P
ETHERLINE® Cat.5e 105 plus
22.05.2018
53112500 LAPP-53112500 Datasheet
134Kb / 2P
SKINTOP® MS- M BRUSH 75 plus / 90 / 110 plus
17.12.2020
53113300 LAPP-53113300 Datasheet
231Kb / 2P
SKINTOP® SOLAR / SKINTOP® SOLAR plus
02.12.2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com