Electronic Components Datasheet Search
  English  ▼

X  

10102024 Datasheet (PDF) - DANFOSS POWER SOLUTIONS

10102024 Datasheet PDF - DANFOSS POWER SOLUTIONS
Part # 10102024
Download  10102024 Download
File Size   268.21 Kbytes
Page   4 Pages
Manufacturer  DANFOSS [DANFOSS POWER SOLUTIONS]
Direct Link  https://www.danfoss.com/en-us/
Logo DANFOSS - DANFOSS POWER SOLUTIONS
Description PLUS1® Controllers MC050-110 and MC050-112

10102024 Datasheet (PDF)

Go To PDF Page Download Datasheet
10102024 Datasheet PDF - DANFOSS POWER SOLUTIONS

Part # 10102024
Download  10102024 Click to download

File Size   268.21 Kbytes
Page   4 Pages
Manufacturer  DANFOSS [DANFOSS POWER SOLUTIONS]
Direct Link  https://www.danfoss.com/en-us/
Logo DANFOSS - DANFOSS POWER SOLUTIONS
Description PLUS1® Controllers MC050-110 and MC050-112

10102024 Datasheet (HTML) - DANFOSS POWER SOLUTIONS


10102024 Product details

Features
• User-programmable with PLUS+1
®
GUIDE (Graphical User Integrated
Development Environment)
• 50 pins: (1) DEUTSCH DRC connector
• ARM 32 bit Cortex-M3 running at 120
MHz
• FRAM non-volatile memory
• 12 bit analog-to-digital converter
• 9 to 36 Vdc power supply, monitored
internally
• 2 CAN 2.0 B ports, the fixed range
analog input can be configured as the
shield pin
• Power supply for external sensors rated
at 5 Vdc to 450 mA, monitored and
regulated internally
• 2 LEDs under user control
• 3 mounting alternatives: stack, end, or
side
• MC050-112 contains application key
required to run Danfoss developed
machine control application software
• CE compliant




Similar Part No. - 10102024

ManufacturerPart #DatasheetDescription
logo
DANFOSS POWER SOLUTIONS
10102024 DANFOSS-10102024 Datasheet
267Kb / 4P
PLUS1® Extended Memory Controller
June 2020
More results


Similar Description - 10102024

ManufacturerPart #DatasheetDescription
logo
Kendall Howard
7000-3-536-00 KENDALLHOWARD-7000-3-536-00 Datasheet
327Kb / 1P
PERFORMANCE PLUS® ACCESSORY BARS
7000-3-548-00 KENDALLHOWARD-7000-3-548-00 Datasheet
327Kb / 1P
PERFORMANCE PLUS® ACCESSORY BARS
7000-3-560-00 KENDALLHOWARD-7000-3-560-00 Datasheet
327Kb / 1P
PERFORMANCE PLUS® ACCESSORY BARS
logo
Lapp.
0019700 LAPP-0019700 Datasheet
69Kb / 1P
OLFLEX® CLASSIC 110 ORANGE
01.01.2019
1119809 LAPP-1119809 Datasheet
192Kb / 2P
GLFLEX® CLASSIC 110 [black]
10.11.2020
1120730 LAPP-1120730 Datasheet
70Kb / 1P
OLFLEX® CLASSIC 110 LT
01.01.2019
1125752 LAPP-1125752 Datasheet
174Kb / 1P
OLFLEX® CLASSIC 110 SY
08.03.2023
53112500 LAPP-53112500 Datasheet
134Kb / 2P
SKINTOP® MS- M BRUSH 75 plus / 90 / 110 plus
17.12.2020
53113300 LAPP-53113300 Datasheet
231Kb / 2P
SKINTOP® SOLAR / SKINTOP® SOLAR plus
02.12.2021
1120366 LAPP-1120366 Datasheet
237Kb / 5P
ÖLFLEX® CLASSIC 110 BLACK 0,6/1 kV
14.11.2013
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com