Electronic Components Datasheet Search
  English  ▼

X  

1900963 Datasheet (PDF) - PHOENIX CONTACT

1900963 Datasheet PDF - PHOENIX CONTACT
Part # 1900963
Download  1900963 Download
File Size   427.88 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MC 1,5/10-ST1F-5,08 - PCB connector

1900963 Datasheet (PDF)

Go To PDF Page Download Datasheet
1900963 Datasheet PDF - PHOENIX CONTACT

Part # 1900963
Download  1900963 Click to download

File Size   427.88 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MC 1,5/10-ST1F-5,08 - PCB connector

1900963 Datasheet (HTML) - PHOENIX CONTACT


1900963 Product details

PCB connector, nominal cross section: 1.5 mm2, color: green, nominal current: 8 A, rated voltage
(III/2): 320 V, contact surface: Tin, contact connection type: Socket, number of potentials: 10,
number of rows: 1, number of positions: 10, number of connections: 10, product range: MC 1,5/..
-ST1F, pitch: 5.08 mm, connection method: Screw connection with tension sleeve, screw head
form: L Slotted, conductor/PCB connection direction: 0 °, plug-in system: COMBICON MC 1,5,
locking: Screw locking mechanism, mounting: Screw flange, type of packaging: packed in
cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors
• Screwable flange for superior mechanical stability




Similar Part No. - 1900963

ManufacturerPart #DatasheetDescription
logo
Heyco.
19009 HEYCO-19009 Datasheet
152Kb / 2P
Snap Rivets
logo
Molex Electronics Ltd.
19009 MOLEX-19009 Datasheet
27Kb / 2P
Standard Quick-Disconnect Terminals
04/03/2019
19009-0010 MOLEX-19009-0010 Datasheet
27Kb / 2P
Standard Quick-Disconnect Terminals
04/03/2019
logo
Lapp.
19009000 LAPP-19009000 Datasheet
147Kb / 2P
EPIC® H-B 6 SDRL-LB
04.06.2019
logo
Molex Electronics Ltd.
190090001 MOLEX-190090001 Datasheet
62Kb / 4P
PremiumGrade Hand Crimp Tool for Flag Krimptite/Vibrakrimp Un-insulated Female Quick Disconnect Terminals, 22-14 AWG
Jun 13, 2025
More results


Similar Description - 1900963

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1716836 PHOENIX-1716836 Datasheet
57Kb / 4P
Printed-circuit board connector - MC 1,5/ 3-ST1F-5,08 BK
1900947 PHOENIX-1900947 Datasheet
145Kb / 9P
Printed-circuit board connector - MC 1,5/ 8-ST1F-5,08
09/12/2020
1847372 PHOENIX-1847372 Datasheet
439Kb / 13P
PCB connector - MC 1,5/ 4-STF-5,08
Jul 21, 2022
1847356 PHOENIX-1847356 Datasheet
425Kb / 13P
PCB connector - MC 1,5/ 2-STF-5,08
Jan 3, 2023
1836118 PHOENIX-1836118 Datasheet
422Kb / 13P
PCB connector - MC 1,5/ 6-ST-5,08
Jan 3, 2023
1847437 PHOENIX-1847437 Datasheet
429Kb / 13P
PCB connector - MC 1,5/10-STF-5,08
Jan 10, 2023
1847547 PHOENIX-1847547 Datasheet
548Kb / 12P
PCB header - MC 1,5/10-GF-5,08
Jan 10, 2023
1900882 PHOENIX-1900882 Datasheet
427Kb / 13P
PCB connector - MC 1,5/ 2-ST1F-5,08
1900918 PHOENIX-1900918 Datasheet
437Kb / 13P
MC 1,5/ 5-ST1F-5,08 - PCB connector
1900853 PHOENIX-1900853 Datasheet
523Kb / 13P
MC 1,5/10-ST1-5,08 - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com