Electronic Components Datasheet Search
  English  ▼

X  

LM2902-EP Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
LM2902-EP Datasheet PDF - Texas Instruments
Part # LM2902-EP
Download  LM2902-EP Download
File Size   1806.65 Kbytes
Page   31 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description LM2902-Q1, LM2902B-Q1, and LM2902BA-Q1 Industry-Standard Quad Operational Amplifiers for Automotive Applications

LM2902-EP Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2902-EP Datasheet PDF - Texas Instruments

Part # LM2902-EP
Download  LM2902-EP Click to download

File Size   1806.65 Kbytes
Page   31 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description LM2902-Q1, LM2902B-Q1, and LM2902BA-Q1 Industry-Standard Quad Operational Amplifiers for Automotive Applications

LM2902-EP Datasheet (HTML) - Texas Instruments


LM2902-EP Product details

1 Features
• AEC Q-100 qualified for automotive applications
– Temperature grade 1: –40°C to +125°C
– Device HBM ESD classification 2
– Device CDM ESD classification C5
• Wide supply range of:
– 3 V to 36 V (LM2902B-Q1 and LM2902BA-Q1)
– 3 V to 32 V (LM2902KV and LM2902KAV)
– 3 V to 26 V (all other products)
• Input offset voltage maximum at 25°C of:
– 2 mV (LM2902BA-Q1 and LM2902KAV)
– 3 mV (LM2902B-Q1)
– 7 mV (all other products)
• Internal RF and EMI filter (LM2902B-Q1 and
LM2902BA-Q1)
• Supply-current of 175 μA per channel, typical
• Unity-gain bandwidth of 1.2 MHz
• Common-mode input voltage range includes V–
• Differential input voltage range equal to maximumrated
supply voltage

2 Applications
• Automotive lighting
• Body electronics
• Automotive head unit
• Telematics control unit
• Emergency call (eCall)
• Passive safety: brake system
• Electric vehicle / hybrid electric:
– Inverter and motor control
– On-board (OBC) and wireless charger
– Battery management system (BMS)

3 Description
The LM2902-Q1, LM2902B-Q1, and LM2902BA-Q1
are industry-standard operational amplifiers that have
been qualified for automotive use in accordance to
the AEC-Q100 specifications. The LM2902B-Q1 and
LM2902BA-Q1 are the next-generation versions of
the LM2902-Q1, which include four high-voltage (36
V) operational amplifiers (op amps). The LM2902BQ1
and LM2902BA-Q1 provide outstanding value
for cost-sensitive applications, with features including
low offset (3 mV and 2 mV maximum, respectively),
common-mode input range to ground, and high
differential input voltage capability.
The LM2902B-Q1 and LM2902BA-Q1 simplify circuit
design with enhanced features such as unity-gain
stability, lower offset voltage of 0.3 mV (typical), and
lower quiescent current of 240 μA (typical). High ESD
(2 kV, HBM) and integrated EMI and RF filters enable
the LM2902B-Q1 and LM2902BA-Q1 devices to be
used in the most rugged, environmentally challenging
applications for the automotive marketplace.




Similar Part No. - LM2902-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2902-EP TI1-LM2902-EP Datasheet
499Kb / 12P
QUADRUPLE OPERATIONAL AMPLIFIER
LM2902-EP TI1-LM2902-EP Datasheet
499Kb / 12P
QUADRUPLE OPERATIONAL AMPLIFIER
LM2902-EP TI-LM2902-EP Datasheet
1Mb / 27P
LM2902-Q1, LM2902B-Q1, and LM2902BA-Q1 Industry-Standard Quad Operational Amplifiers for Automotive Applications
MAY 2022
LM2902-EP TI-LM2902-EP Datasheet
1Mb / 47P
LMx24, LMx24x, LMx24xx, LM2902, LM2902x, LM2902xx, LM2902xxx Quadruple Operational Amplifiers
REVISED MAY 2022
LM2902-EP TI-LM2902-EP Datasheet
2Mb / 53P
LMx24, LMx24x, LMx24xx, LM2902, LM2902x, LM2902xx, LM2902xxx Quadruple Operational Amplifiers
REVISED OCTOBER 2022
More results


Similar Description - LM2902-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2904-Q1 TI1-LM2904-Q1_V01 Datasheet
2Mb / 35P
LM2904-Q1, LM2904B-Q1 Industry-Standard Dual Operational Amplifiers for Automotive Applications
LM2904-Q1 TI-LM2904-Q1_V02 Datasheet
2Mb / 37P
LM2904-Q1, LM2904B-Q1 Industry-Standard Dual Operational Amplifiers for Automotive Applications
LM2904-Q1 TI-LM2904-Q1_V03 Datasheet
2Mb / 39P
LM2904-Q1, LM2904B-Q1 Industry-Standard Dual Operational Amplifiers for Automotive Applications
LM2904-Q1 TI-LM2904-Q1_V04 Datasheet
3Mb / 38P
LM2904-Q1, LM2904B-Q1 Industry-Standard Dual Operational Amplifiers for Automotive Applications
LM2902LV-Q1 TI-LM2902LV-Q1_V02 Datasheet
2Mb / 38P
LM290xLV-Q1 Industry Standard, Low Voltage Automotive Operational Amplifiers
REVISED OCTOBER 2021
LM2904-Q1 TI-LM2904-Q1_V05 Datasheet
3Mb / 39P
LM2904-Q1, LM2904B-Q1 Industry-Standard Dual Operational Amplifiers for Automotive Applications
REVISED FEBRUARY 2021
LM2904-Q1 TI-LM2904-Q1_V06 Datasheet
3Mb / 41P
LM2904-Q1, LM2904B-Q1, and LM2904BA-Q1 Industry-Standard Dual Operational Amplifiers for Automotive Applications
APRIL 2022
LM2902-Q1 TI-LM2902-Q1_V01 Datasheet
1Mb / 27P
LM2902-Q1, LM2902B-Q1, and LM2902BA-Q1 Industry-Standard Quad Operational Amplifiers for Automotive Applications
MAY 2022
LM2902-Q1 TI-LM2902-Q1_V02 Datasheet
1Mb / 32P
LM2902-Q1, LM2902B-Q1, and LM2902BA-Q1 Industry-Standard Quad Operational Amplifiers for Automotive Applications
REVISED FEBRUARY 2023
LM2902-Q1 TI1-LM2902-Q1_V03 Datasheet
1Mb / 31P
LM2902-Q1, LM2902B-Q1, and LM2902BA-Q1 Industry-Standard Quad Operational Amplifiers for Automotive Applications
REVISED OCTOBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com