Electronic Components Datasheet Search
  English  ▼

X  

1928819 Datasheet (PDF) - PHOENIX CONTACT

1928819 Datasheet PDF - PHOENIX CONTACT
Part # 1928819
Download  1928819 Download
File Size   402.48 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FK-MPT 0,5/ 7-3,5-H - PCB terminal block

1928819 Datasheet (PDF)

Go To PDF Page Download Datasheet
1928819 Datasheet PDF - PHOENIX CONTACT

Part # 1928819
Download  1928819 Click to download

File Size   402.48 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FK-MPT 0,5/ 7-3,5-H - PCB terminal block

1928819 Datasheet (HTML) - PHOENIX CONTACT


1928819 Product details

PCB terminal block, nominal current: 4 A, rated voltage (III/2): 250 V, nominal cross section: 0.5
mm2, number of potentials: 7, number of rows: 1, number of positions per row: 7, product range:
FK-MPT 0,5/..-H, pitch: 3.5 mm, connection method: Push-in spring connection, mounting: Wave
soldering, conductor/PCB connection direction: 0 °, color: green, Pin layout: Linear pinning,
Solder pin [P]: 4 mm, number of solder pins per potential: 1, type of packaging: packed in
cardboard

Your advantages
• Time saving push-in connection, tools not required
• Defined contact force ensures that contact remains stable over the long term
• Intuitive operation due to color-coded actuating push button
• Potentials can be easily looped through – ideal for BUS applications
• Small component size for applications where space is at a premium




Similar Part No. - 1928819

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
19288-0048 MOLEX11-19288-0048 Datasheet
63Kb / 1P
ATP Crimp Dies for the Tape Crimp Module and ATP-101 & 301 Press
19288-0057 MOLEX-19288-0057 Datasheet
89Kb / 3P
ATP - Tooling Kit ??19288-0057
06-03-05
19288-0058 MOLEX-19288-0058 Datasheet
89Kb / 3P
ATP - Tooling Kit ??19288-0057
06-03-05
19288-0059 MOLEX-19288-0059 Datasheet
89Kb / 3P
ATP - Tooling Kit ??19288-0057
06-03-05
19288-0060 MOLEX-19288-0060 Datasheet
89Kb / 3P
ATP - Tooling Kit ??19288-0057
06-03-05
More results


Similar Description - 1928819

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1891085 PHOENIX-1891085 Datasheet
87Kb / 5P
PCB terminal block - FK-MPT 0,5/ 4-3,5
1891140 PHOENIX-1891140 Datasheet
118Kb / 7P
PCB terminal block - FK-MPT 0,5/10-3,5
1928770 PHOENIX-1928770 Datasheet
131Kb / 6P
PCB terminal block - FK-MPT 0,5/ 3-3,5-H
1928806 PHOENIX-1928806 Datasheet
127Kb / 8P
PCB terminal block - FK-MPT 0,5/ 6-3,5-H
09/12/2020
1931945 PHOENIX-1931945 Datasheet
97Kb / 3P
PCB terminal block - FK-MPT 0,5/13-3,5 (VPE500)
11/05/2018
1891069 PHOENIX-1891069 Datasheet
383Kb / 11P
PCB terminal block - FK-MPT 0,5/ 2-3,5
Jan 10, 2023
1891098 PHOENIX-1891098 Datasheet
388Kb / 11P
PCB terminal block - FK-MPT 0,5/ 5-3,5
Jan 10, 2023
1891153 PHOENIX-1891153 Datasheet
354Kb / 11P
FK-MPT 0,5/11-3,5 - PCB terminal block
1891182 PHOENIX-1891182 Datasheet
355Kb / 11P
FK-MPT 0,5/14-3,5 - PCB terminal block
1928767 PHOENIX-1928767 Datasheet
405Kb / 10P
FK-MPT 0,5/ 2-3,5-H - PCB terminal block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com