Electronic Components Datasheet Search
  English  ▼

X  

1414822 Datasheet (PDF) - PHOENIX CONTACT

1414822 Datasheet PDF - PHOENIX CONTACT
Part # 1414822
Download  1414822 Download
File Size   579.12 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-5P-10,0-PUR/M12FSK PE SH - Power cable

1414822 Datasheet (PDF)

Go To PDF Page Download Datasheet
1414822 Datasheet PDF - PHOENIX CONTACT

Part # 1414822
Download  1414822 Click to download

File Size   579.12 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-5P-10,0-PUR/M12FSK PE SH - Power cable

1414822 Datasheet (HTML) - PHOENIX CONTACT


1414822 Product details

Power cable, 5-position, PUR halogen-free, orange RAL 2003, shielded, free cable end, on
Socket straight M12, coding: K, cable length: 10 m, for AC current up to 16 A/690 V

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Protection against mismatching, thanks to special K-coding
• Shield power reliably – 360° shielding to reduce electromagnetic loads
• Our standard: robust halogen-free PUR cable




Similar Part No. - 1414822

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1414820 PHOENIX-1414820 Datasheet
562Kb / 18P
SAC-5P-10,0-280/M12FRL FE SH - Power cable
1414821 PHOENIX-1414821 Datasheet
635Kb / 18P
SAC-5P-10,0-PUR/M12FSK PE - Power cable
1414823 PHOENIX-1414823 Datasheet
114Kb / 5P
High-performance: DC connectors for up to 16 A and 63 V DC
1414824 PHOENIX-1414824 Datasheet
552Kb / 18P
SAC-5P-10,0-280/M12FSL FE SH - Power cable
1414825 PHOENIX-1414825 Datasheet
634Kb / 18P
SAC-5P-10,0-PVC/M12FRK PE - Power cable
More results


Similar Description - 1414822

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1403889 PHOENIX-1403889 Datasheet
94Kb / 5P
Sensor/Actuator cable - SAC-5P-M12MS/10,0-PUR/M12FS
1407790 PHOENIX-1407790 Datasheet
137Kb / 10P
Sensor/Actuator cable - SAC-5P-10,0-PUR/FS SH SCO
1415205 PHOENIX-1415205 Datasheet
110Kb / 5P
Power cable - SAC-4P-MRT/ 10,0-PUR/FRT SH SC
1435111 PHOENIX-1435111 Datasheet
110Kb / 7P
Sensor/Actuator cable - SAC-5P-10,0-PUR/AD-2L
1414797 PHOENIX-1414797 Datasheet
403Kb / 7P
Power cable - SAC-5P- 3,0-PVC/M12FSK PE SH
02/03/2022
1414833 PHOENIX-1414833 Datasheet
149Kb / 9P
Power cable - SAC-5P-M12MRK/ 1,5-PUR PE
09/12/2020
1683374 PHOENIX-1683374 Datasheet
134Kb / 10P
Sensor/actuator cable - SAC-5P-10,0-PUR/M12FS
09/11/2020
1476803 PHOENIX-1476803 Datasheet
1Mb / 8P
SAC-3P-P12MS/10,0-PUR SH - Sensor/actuator cable
1476884 PHOENIX-1476884 Datasheet
1Mb / 8P
SAC-5P-10,0-PUR/P12FR SH - Sensor/actuator cable
1476900 PHOENIX-1476900 Datasheet
1Mb / 8P
SAC-5P-P12MS/10,0-PUR SH - Sensor/actuator cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com