Electronic Components Datasheet Search
  English  ▼

X  

1625815 Datasheet (PDF) - Turck, Inc.

1625815 Datasheet PDF - Turck, Inc.
Part # 1625815
Download  1625815 Download
File Size   1038.16 Kbytes
Page   3 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Inductive Sensor – With Increased Switching Distance

1625815 Datasheet (PDF)

Go To PDF Page Download Datasheet
1625815 Datasheet PDF - Turck, Inc.

Part # 1625815
Download  1625815 Click to download

File Size   1038.16 Kbytes
Page   3 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Inductive Sensor – With Increased Switching Distance

1625815 Datasheet (HTML) - Turck, Inc.


1625815 Product details

Features
■Rectangular, height 40 mm
■Variable orientation of active face in 5
directions
■Plastic, PBT‐GF30‐V0
■High luminance corner LEDs
■Optimum view on supply voltage and
switching state from any position
■Factor 1 for all metals
■Increased switching distance
■Protection class IP68
■Resistant to magnetic fields
■Extended temperature range
■High switching frequency
■Auto-compensation protects against predamping
■DC 4-wire, 10…30 VDC
■Changeover contact, PNP output
■M12 x 1 male connector
Functional principle
Inductive sensors are designed for wear-free
and contactless detection of metal objects.
uprox Factor 1 sensors have significant
advantages due to their patented ferritecoreless multi-coil system. They detect all
metals at the same large switching distance and
are resistant to magnetic fields.




Similar Part No. - 1625815

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
162581 FESTO-162581 Datasheet
95Kb / 1P
Pressure regulator
logo
Turck, Inc.
1625810 TURCK-1625810 Datasheet
1Mb / 3P
Inductive Sensor – With Increased Switching Distance
11/07/2023
logo
Weidmuller
1625810000 WEIDMULLER-1625810000 Datasheet
61Kb / 1P
Omnimate Range - 5.00 mm Pitch
1625810000 WEIDMULLER-1625810000 Datasheet
61Kb / 1P
Omnimate Range - 5.00 mm Pitch
1625810000 WEIDMULLER-1625810000 Datasheet
61Kb / 1P
Omnimate Range - 5.00 mm Pitch
More results


Similar Description - 1625815

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2R-A01 OMRON-E2R-A01 Datasheet
374Kb / 4P
Compact Low Profile Inductive Proximity Sensor with 5 mm Sensing Distance
logo
Molex Electronics Ltd.
1202530061 MOLEX-1202530061 Datasheet
38Kb / 1P
Contrinex Inductive Sensor, M18 Housing, 20mm Operating Distance, Nonembeddable
1202530065 MOLEX-1202530065 Datasheet
38Kb / 1P
Contrinex Inductive Sensor, M18 Housing, 20mm Operating Distance, Nonembeddable
1202530069 MOLEX-1202530069 Datasheet
40Kb / 1P
Contrinex Inductive Sensor, M30 Housing, 22mm Operating Distance
1202530070 MOLEX-1202530070 Datasheet
41Kb / 1P
Contrinex Inductive Sensor, M30 Housing, 22mm Operating Distance
1202530071 MOLEX-1202530071 Datasheet
40Kb / 1P
Contrinex Inductive Sensor, M30 Housing, 22mm Operating Distance
logo
Carlo Gavazzi Holding A...
ICB18S30F12NOM1 CARLOGAVAZZI-ICB18S30F12NOM1 Datasheet
1Mb / 4P
Proximity Inductive Sensors Increased Operating Distance
ICB12S30F06NOM1 CARLOGAVAZZI-ICB12S30F06NOM1 Datasheet
1Mb / 4P
Proximity Inductive Sensors Increased Operating Distance
ICB30S35F22NOM1 CARLOGAVAZZI-ICB30S35F22NOM1 Datasheet
755Kb / 4P
Proximity Inductive Sensors Increased Operating Distance
logo
Turck, Inc.
BI2-EG08-AP6X-V1131 TURCK-BI2-EG08-AP6X-V1131 Datasheet
652Kb / 3P
Inductive Sensor – With Increased Switching Distance
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com