Electronic Components Datasheet Search
  English  ▼

X  

OPA392DBVT Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
OPA392DBVT Datasheet PDF - Texas Instruments
Part # OPA392DBVT
Download  OPA392DBVT Download
File Size   2057.03 Kbytes
Page   36 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description OPAx392 Precision, Low-Offset-Voltage, Low-Noise, Low-Input-Bias-Current, Rail-to-Rail I/O, e-trim™ Operational Amplifiers

OPA392DBVT Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA392DBVT Datasheet PDF - Texas Instruments

Part # OPA392DBVT
Download  OPA392DBVT Click to download

File Size   2057.03 Kbytes
Page   36 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description OPAx392 Precision, Low-Offset-Voltage, Low-Noise, Low-Input-Bias-Current, Rail-to-Rail I/O, e-trim™ Operational Amplifiers

OPA392DBVT Datasheet (HTML) - Texas Instruments


OPA392DBVT Product details

1 Features
• Low offset voltage: ±10 μV (maximum)
• Low-drift: ±0.18 μV/°C
• Low input bias current: 10 fA
• Low noise: 4.4 nV/√Hz at 10 kHz
• Low 1/f noise: 2 μVPP (0.1 Hz to 10 Hz)
• Low supply voltage operation: 1.7 V to 5.5 V
• Low quiescent current: 1.22 mA
• Fast settling: 0.75 μs (1 V to 0.1%)
• Fast slew rate: 4.5 V/μs
• High output current: +65/–55-mA short circuit
• Gain bandwidth: 13 MHz
• Rail-to-rail input and output
• Specified temperature range: –40°C to +125°C
• EMI and RFI filtered inputs

2 Applications
• Multiparameter patient monitor
• Electrocardiogram (ECG)
• Chemistry and gas analyzer
• Optical module
• Analog input module
• Process analytics (pH, gas, concentration, force
and humidity)
• Gas detector
• Analog security camera
• Merchant DC/DC
• Pulse oximeter
• Inter-DC interconnect (long-haul, submarine)
• Data acquisition (DAQ)

3 Description
The OPAx392 family of operational amplifiers
(OPA392, OPA2392, and OPA4392) features ultra-low
offset, offset drift, and input bias current with rail-to-rail
input and output operation. In addition to precision
dc accuracy, the ac performance is optimized for
low noise and fast-settling transient response. These
features make the OPAx392 an excellent choice
for driving high-precision analog-to-digital converters
(ADCs) or buffering the output of high-resolution,
digital-to-analog converters (DACs).
The OPAx392 feature TI's e-trim™ operational
amplifier technology to achieve ultra-low offset
voltage and offset voltage drift without any input
chopping or auto-zero techniques. This technique
enables ultra-low input bias current for sensor inputs
or photodiode current-to-voltage measurements,
creating high-performance transimpedance stages for
optical modules or medical instrumentation.




Similar Part No. - OPA392DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA392DBVT TI-OPA392DBVT Datasheet
1,002Kb / 23P
OPAx392 Precision, Low-Offset-Voltage, Low-Noise, Low-Input-Bias-Current, Rail-to-Rail I/O, e-trim??Operational Amplifiers
OPA392DBVT TI-OPA392DBVT Datasheet
1Mb / 30P
OPAx392 Precision, Low-Offset-Voltage, Low-Noise, Low-Input-Bias-Current, Rail-to-Rail I/O, e-trim??Operational Amplifiers
OPA392DBVT TI-OPA392DBVT Datasheet
2Mb / 32P
OPAx392 Precision, Low-Offset-Voltage, Low-Noise, Low-Input-Bias-Current, Rail-to-Rail I/O, e-trim™ Operational Amplifiers
REVISED JULY 2022
OPA392DBVT TI-OPA392DBVT Datasheet
1Mb / 35P
OPAx392 Precision, Low-Offset-Voltage, Low-Noise, Low-Input-Bias-Current, Rail-to-Rail I/O, e-trim™ Operational Amplifiers
REVISED DECEMBER 2022
OPA392DBVT TI-OPA392DBVT Datasheet
2Mb / 41P
OPAx392 Precision, Low-Offset-Voltage, Low-Noise, Low-Input-Bias-Current, Rail-to-Rail I/O, e-trim™ Operational Amplifiers
REVISED SEPTEMBER 2023
More results


Similar Description - OPA392DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2192 TI-OPA2192 Datasheet
3Mb / 51P
OPAx192 36-V, Precision, Rail-to-Rail Input/Output, Low Offset Voltage,Low Input Bias Current Op Amp with e-trim
OPA192-Q1 TI1-OPA192-Q1 Datasheet
2Mb / 42P
36-V, Precision, Rail-to-Rail Input/Output, Low-Offset Voltage, Low-Input Bias Current Op Amp With e-trim
OPA197-Q1 TI1-OPA197-Q1 Datasheet
2Mb / 40P
36-V, Precision, Rail-to-Rail Input/Output, Low-Offset Voltage, Low-Input Bias Current Operational Amplifier With e-trim
OPA392 TI-OPA392 Datasheet
1,002Kb / 23P
OPAx392 Precision, Low-Offset-Voltage, Low-Noise, Low-Input-Bias-Current, Rail-to-Rail I/O, e-trim??Operational Amplifiers
OPA197-Q1 TI-OPA197-Q1_V01 Datasheet
3Mb / 45P
OPAx197-Q1 36-V, Precision, Rail-to-Rail Input/Output, Low-Offset Voltage, Low-Input Bias Current e-trim??Operational Amplifiers
OPA392 TI-OPA392_V01 Datasheet
1Mb / 30P
OPAx392 Precision, Low-Offset-Voltage, Low-Noise, Low-Input-Bias-Current, Rail-to-Rail I/O, e-trim??Operational Amplifiers
OPA397 TI-OPA397 Datasheet
1Mb / 30P
OPAx397 Precision, Low-Offset-Voltage, Low-Noise, Low-Input-Bias-Current, Rail-to-Rail I/O, e-trim??Operational Amplifiers
OPA392 TI-OPA392_V02 Datasheet
2Mb / 32P
OPAx392 Precision, Low-Offset-Voltage, Low-Noise, Low-Input-Bias-Current, Rail-to-Rail I/O, e-trim™ Operational Amplifiers
REVISED JULY 2022
OPA392 TI-OPA392_V03 Datasheet
1Mb / 35P
OPAx392 Precision, Low-Offset-Voltage, Low-Noise, Low-Input-Bias-Current, Rail-to-Rail I/O, e-trim™ Operational Amplifiers
REVISED DECEMBER 2022
OPA392 TI-OPA392_V04 Datasheet
2Mb / 41P
OPAx392 Precision, Low-Offset-Voltage, Low-Noise, Low-Input-Bias-Current, Rail-to-Rail I/O, e-trim™ Operational Amplifiers
REVISED SEPTEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com