Electronic Components Datasheet Search
  English  ▼

X  

1535208 Datasheet (PDF) - PHOENIX CONTACT

1535208 Datasheet PDF - PHOENIX CONTACT
Part # 1535208
Download  1535208 Download
File Size   306.55 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description DMC 1,5/ 6-G1-3,5-LR P26THR - PCB header

1535208 Datasheet (PDF)

Go To PDF Page Download Datasheet
1535208 Datasheet PDF - PHOENIX CONTACT

Part # 1535208
Download  1535208 Click to download

File Size   306.55 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description DMC 1,5/ 6-G1-3,5-LR P26THR - PCB header

1535208 Datasheet (HTML) - PHOENIX CONTACT


1535208 Product details

PCB headers, nominal cross section: 1.5 mm2, color: black, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Tin, contact connection type: Pin, number of rows: 2, number of
positions: 6, product range: DMC 1,5/..-G1-LR-THR, pitch: 3.5 mm, mounting: THR soldering, pin
layout: Linear pinning, solder pin [P]: 2.6 mm, number of solder pins per potential: 1, plug-in
system: COMBICON DFMC 1,5, Pin connector pattern alignment: Standard, locking: Snap-in
locking, mounting: Lock + Release, type of packaging: packed in cardboard

Your advantages
• Designed for integration into the SMT soldering process
• Conductor connection on several levels enables higher contact density
• Small component size for applications where space is at a premium
• Automatic locking and intuitive release through Lock and Release operating lever in contrasting color




Similar Part No. - 1535208

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
153520 FESTO-153520 Datasheet
92Kb / 1P
Differential pressure regulator
4/19/22
logo
PHOENIX CONTACT
1535200 PHOENIX-1535200 Datasheet
309Kb / 8P
DMC 1,5/13-G1-3,5-LR P26THR - PCB header
1535201 PHOENIX-1535201 Datasheet
309Kb / 8P
DMC 1,5/12-G1-3,5-LR P26THR - PCB header
1535202 PHOENIX-1535202 Datasheet
538Kb / 16P
SACC-E-FSD-4CON-M16/0,5 SCO - Device connector front mounting
1535203 PHOENIX-1535203 Datasheet
309Kb / 8P
DMC 1,5/11-G1-3,5-LR P26THR - PCB header
More results


Similar Description - 1535208

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1033583 PHOENIX-1033583 Datasheet
362Kb / 11P
DMC 1,5/20-G1-3,5-LR P26THR - PCB header
1535189 PHOENIX-1535189 Datasheet
309Kb / 8P
DMC 1,5/19-G1-3,5-LR P26THR - PCB header
1535190 PHOENIX-1535190 Datasheet
309Kb / 8P
DMC 1,5/18-G1-3,5-LR P26THR - PCB header
1535194 PHOENIX-1535194 Datasheet
309Kb / 8P
DMC 1,5/16-G1-3,5-LR P26THR - PCB header
1535198 PHOENIX-1535198 Datasheet
309Kb / 8P
DMC 1,5/14-G1-3,5-LR P26THR - PCB header
1535204 PHOENIX-1535204 Datasheet
309Kb / 8P
DMC 1,5/10-G1-3,5-LR P26THR - PCB header
1535205 PHOENIX-1535205 Datasheet
300Kb / 7P
DMC 1,5/ 9-G1-3,5-LR P26THR - PCB header
1535201 PHOENIX-1535201 Datasheet
309Kb / 8P
DMC 1,5/12-G1-3,5-LR P26THR - PCB header
1535217 PHOENIX-1535217 Datasheet
306Kb / 8P
DMC 1,5/ 2-G1-3,5-LR P26THR - PCB header
1535197 PHOENIX-1535197 Datasheet
306Kb / 8P
DMC 1,5/15-G1-3,5-LR P26THR - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com